Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM6315LDW13F Datasheet(PDF) 17 Page - STMicroelectronics

Part # STM6315LDW13F
Description  Open drain microprocessor reset
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6315LDW13F Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STM6315LDW13F Datasheet HTML 13Page - STMicroelectronics STM6315LDW13F Datasheet HTML 14Page - STMicroelectronics STM6315LDW13F Datasheet HTML 15Page - STMicroelectronics STM6315LDW13F Datasheet HTML 16Page - STMicroelectronics STM6315LDW13F Datasheet HTML 17Page - STMicroelectronics STM6315LDW13F Datasheet HTML 18Page - STMicroelectronics STM6315LDW13F Datasheet HTML 19Page - STMicroelectronics STM6315LDW13F Datasheet HTML 20Page - STMicroelectronics STM6315LDW13F Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
STM6315
Package mechanical data
17/21
Figure 14.
SOT143-4 – 4-lead small outline transistor package outline
Note:
Drawing is not to scale.
SOT143-4
0.10
C
A
A2
A1
4X
b2
C
M
CA B
0.15
C
L1
θ
L
C
e1
D
e
e/2
E
M
0.15
CA B
B
E1
A
M
CA B
3X b
0.20
1
Table 5.
SOT143-4 – 4-lead small outline transistor package mechanical data
Symbol
mm
inches
Typ
Min
Max
Typ
Min
Max
A
–
0.89
1.12
–
0.035
0.044
A1
–
0.01
0.10
–
0.001
0.004
A2
–
0.88
1.02
–
0.035
0.042
b
–
0.37
0.51
–
0.015
0.020
b2
–
0.76
0.94
–
0.030
0.037
C
–
0.09
0.18
–
0.004
0.007
D
–
2.80
3.04
–
0.110
0.120
E
–
2.10
2.64
–
0.083
0.104
E1
–
1.20
1.40
–
0.047
0.055
e1.92–
–
0.076
–
–
e1
0.20
–
–
0.008
–
–
L0.55–
–
0.022
–
–
L1
–
0.40
0.60
–
0.016
0.024
Θ
0°
10°
0°
10°
N4
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com