Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP4800AGM Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # AP4800AGM
Description  N-CHANNEL ENHANCEMENT MODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP4800AGM Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  AP4800AGM Datasheet HTML 1Page - Advanced Power Electronics Corp. AP4800AGM Datasheet HTML 2Page - Advanced Power Electronics Corp. AP4800AGM Datasheet HTML 3Page - Advanced Power Electronics Corp. AP4800AGM Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Advanced Power
N-CHANNEL ENHANCEMENT MODE
Electronics Corp.
POWER MOSFET
▼ Simple Drive Requirement
BVDSS
30V
▼ Low On-resistance
RDS(ON)
18mΩ
▼ Fast Switching Characteristic
ID
9.6A
Description
Absolute Maximum Ratings
Symbol
Units
VDS
V
VGS
V
ID@TA=25℃
A
ID@TA=70℃
A
IDM
A
PD@TA=25℃
W
W/℃
TSTG
TJ
Symbol
Value
Unit
Rthj-a
Thermal Resistance Junction-ambient
3
Max.
50
℃/W
Data and specifications subject to change without notice
200521074-1/4
AP4800AGM
Rating
30
±25
9.6
Parameter
Drain-Source Voltage
Gate-Source Voltage
Continuous Drain Current
3
Linear Derating Factor
0.02
Storage Temperature Range
Continuous Drain Current
3
7.7
Pulsed Drain Current
1
40
RoHS-compliant Product
Thermal Data
Parameter
Total Power Dissipation
2.5
-55 to 150
Operating Junction Temperature Range
-55 to 150
The Advanced Power MOSFETs from APEC provide the designer with
the best combination of fast switching, ruggedized device design, low
on-resistance and cost-effectiveness.
The SO-8 package is universally preferred for all commercial-industrial
surface mount applications and suited for low voltage applications
such as DC/DC converters.
S
S
S
G
D
D
D
D
SO-8
G
D
S


Similar Part No. - AP4800AGM

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4800AGM A-POWER-AP4800AGM Datasheet
178Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4800AGM-HF A-POWER-AP4800AGM-HF Datasheet
99Kb / 4P
Simple Drive Requirement, Low On-resistance
AP4800AGM-HF A-POWER-AP4800AGM-HF_14 Datasheet
99Kb / 4P
Simple Drive Requirement
AP4800AGM A-POWER-AP4800AGM_07 Datasheet
178Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - AP4800AGM

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
IRF830 TRSYS-IRF830 Datasheet
282Kb / 3P
N-CHANNEL ENHANCEMENT MODE
logo
Advanced Power Technolo...
ARF446 ADPOW-ARF446 Datasheet
61Kb / 4P
N-CHANNEL ENHANCEMENT MODE
ARF450 ADPOW-ARF450 Datasheet
178Kb / 4P
N-CHANNEL ENHANCEMENT MODE
logo
List of Unclassifed Man...
P2503NVG ETC1-P2503NVG Datasheet
594Kb / 8P
N P-Channel Enhancement Mode Enhancement Mode
logo
Guangdong Kexin Industr...
KO3414 KEXIN-KO3414 Datasheet
53Kb / 2P
N-Channel Enhancement Mode
logo
IXYS Corporation
IXTH60N20L2 IXYS-IXTH60N20L2 Datasheet
155Kb / 5P
N-Channel Enhancement Mode
IXTH220N075T IXYS-IXTH220N075T Datasheet
190Kb / 5P
N-Channel Enhancement Mode
IXTR62N15P IXYS-IXTR62N15P Datasheet
212Kb / 2P
N-Channel Enhancement Mode
logo
New Jersey Semi-Conduct...
VN0104N2 NJSEMI-VN0104N2 Datasheet
68Kb / 1P
N-Channel Enhancement-Mode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com