Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX8821 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LX8821
Description  DUAL CHANNEL 2.5A LOW DROPOUT REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8821 Datasheet(HTML) 2 Page - Microsemi Corporation

  LX8821 Datasheet HTML 1Page - Microsemi Corporation LX8821 Datasheet HTML 2Page - Microsemi Corporation LX8821 Datasheet HTML 3Page - Microsemi Corporation LX8821 Datasheet HTML 4Page - Microsemi Corporation LX8821 Datasheet HTML 5Page - Microsemi Corporation LX8821 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PRODUCTION DATA SHEET
Microsemi
Microsemi Microelectronics Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 2
Copyright
© 2005
Rev. 1.1, 2005-03-09
LX8821
DUAL CHANNEL 2.5A LOW DROPOUT REGULATOR
TM
®
ABSOLUTE MAXIMUM RATINGS
Input Voltage (VCTRL, VPWR).........................................................................13.5V
Load Current (Internally Limited) ..................................................................3.0A
Power Dissipation ......................................................................Internally Limited
Short-Circuit Protection .......................................................................... Indefinite
Operating Junction Temperature.................................................................. 150
°C
Storage Temperature Range...........................................................-65
°C to 150°C
Peak Package Solder Reflow Temperature
(40 second maximum exposure) ..................................................... 260°C (+0, -5)
Note: Exceeding these ratings could cause damage to the device. All voltages are with respect to
Ground. Currents are positive into, negative out of specified terminal
.
TH ERMAL DATA
DF Plastic S-Pak 7-Pin
THERMAL RESISTANCE
-JUNCTION TO TAB,
θ
JT
4.5
°C/W
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
θ
JA
20 - 50
°C/W
Junction Temperature Calculation: TJ = TA + (PD x θJA).
The
θJA numbers are guidelines for the thermal performance of the device/pc-board system.
All of the above assume no ambient airflow.
θJA can vary from 10°C/W to > 50°C/W
depending on mounting technique. (See Application Notes Section: Thermal considerations)
PACKAGE PIN OUT
DF PACKAGE
(Top View)
1
V
CTRL
V
OUT1
V
PW R
GND
V
OUT2
2
3
4
5
TAB is GND
ADJ
V2
6
NC
7
Pin 4 and Tab are common
RoHS 100% Matte Tin Lead Finish
FUNCTIONAL PIN DESCRIPTION
PIN
NAME
DESCRIPTION
1
VCTRL
Unregulated input voltage supply, provides bias for control circuitry, (VCTRL – VOUT) > 1V.
2
VOUT1
Regulator #1 fixed output voltage, 1.5V nominal.
3
VPWR
Unregulated input voltage supply for power section. For proper operation: (VPWR – VOUT) > VDROPOUT.
4
GND
Common terminal for ground reference, Tab of package is internally connected to this pin.
5
VOUT2
Regulator #2 output
6
ADJ V2
Regulator #2 feedback voltage, servos to 1.25V. Using external resistors to program VOUT2.
7
---
Not used, no internal connection, may be left floating or connected to any other pin or voltage.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com