Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLWR962 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TLWR962
Description  TELUX
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLWR962 Datasheet(HTML) 2 Page - Vishay Siliconix

  TLWR962 Datasheet HTML 1Page - Vishay Siliconix TLWR962 Datasheet HTML 2Page - Vishay Siliconix TLWR962 Datasheet HTML 3Page - Vishay Siliconix TLWR962 Datasheet HTML 4Page - Vishay Siliconix TLWR962 Datasheet HTML 5Page - Vishay Siliconix TLWR962 Datasheet HTML 6Page - Vishay Siliconix TLWR962 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
2
Document Number 83287
Rev. 1.4, 23-Sep-05
TLWR962.
Vishay Semiconductors
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
TLWR962.
Optical and Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Red
TLWR962.
Forward Voltage Classification
Parameter
Test condition
Symbol
Value
Unit
Reverse voltage
IR = 100 μAVR
10
V
DC Forward current
Tamb ≤ 85 °C
IF
70
mA
Surge forward current
tp ≤ 10 μsIFSM
0.1
A
Power dissipation
PV
212
mW
Junction temperature
Tj
125
°C
Operating temperature range
Tamb
- 40 to + 110
°C
Storage temperature range
Tstg
- 40 to + 110
°C
Soldering temperature
t
≤ 5 s, 1.5 mm from body
preheat temperature
100 °C/ 30 sec.
Tsd
260
°C
Thermal resistance junction/
ambient
with cathode heatsink
of 70 mm2
RthJA
200
K/W
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Total flux
IF = 70 mA, RthJA = 200 °K/W
TLWR9620
φ
V
3000
3700
mlm
TLWR9621
φ
V
3500
4200
mlm
TLWR9622
φ
V
4000
5000
mlm
Luminous intensity/Total flux
IF = 70 mA, RthJA = 200 °K/W
IV/φV
0.8
mcd/
mlm
Dominant wavelength
IF = 70 mA, RthJA = 200 °K/W
λ
d
611
615
634
nm
Peak wavelength
IF = 70 mA, RthJA = 200 °K/W
λ
p
624
nm
Angle of half intensity
IF = 70 mA, RthJA = 200 °K/W
ϕ
± 30
deg
Total included angle
90 % of Total Flux Captured
ϕ
0.9V
75
deg
Forward voltage
IF = 70 mA, RthJA = 200 °K/W
VF
1.83
2.5
3.03
V
Reverse voltage
VR
10
20
V
Temperature coefficient <
λ
d
IF = 70 mA
TC
λ
d
17
nm/K
Temperature coefficient VF
IF = 70 mA, T > - 25 °C
TCVF
- 2.0
mV/K
Group
Forward Voltage (V)
min
max
Y
1.83
2.07
Z
1.95
2.19
0
2.07
2.31
1
2.19
2.43
2
2.31
2.55
3
2.43
2.67
4
2.55
2.79
5
2.67
2.91
6
2.79
3.03



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com