Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLWR9621 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TLWR9621
Description  TELUX
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLWR9621 Datasheet(HTML) 3 Page - Vishay Siliconix

  TLWR9621 Datasheet HTML 1Page - Vishay Siliconix TLWR9621 Datasheet HTML 2Page - Vishay Siliconix TLWR9621 Datasheet HTML 3Page - Vishay Siliconix TLWR9621 Datasheet HTML 4Page - Vishay Siliconix TLWR9621 Datasheet HTML 5Page - Vishay Siliconix TLWR9621 Datasheet HTML 6Page - Vishay Siliconix TLWR9621 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TLWR962.
Document Number 83287
Rev. 1.4, 23-Sep-05
Vishay Semiconductors
www.vishay.com
3
Color Classification
Luminous Flux Classification
Typical Characteristics (Tamb = 25
°C unless otherwise specified)
Group
Dominant Wavelength (nm)
min
max
1
611
618
2
614
622
3
616
634
Group
Luminous Intensity (mlm)
min
max
F
3000
4200
G
3500
4800
H
4000
6100
I
5000
7300
K
6000
9700
Figure 1. Forward Current vs. Ambient Temperature
Figure 2. Forward Current vs. Pulse Length
0
20
40
60
80
100
0
20406080
100
120
Tamb – Ambient Temperature ( C )
15983
RthJA=200K/W
Red
0.00
0.02
0.04
0.06
0.08
0.10
0.12
tp – Pulse Length (ms)
10–5 10–4 10–3 10–2 10–1
100
101
102
0.005
0.05
0.5
16731
Figure 3. Rel. Luminous Intensity vs. Angular Displacement
for 60 ° emission angle
Figure 4. Percentage Total Luminous Flux vs. Total Included Angle
for 60 ° emission angle
16006
0.40.20
0.20.4
0.6
0.6
0.9
0
°
30
°
10
°
20
°
40
°
50
°
60
°
70
°
80
°
1.0
0.8
0.7
0
10
20
30
40
50
60
70
80
90
100
025
50
75
100
125
Total Included Angle(Degrees)
16005



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com