Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A25L40P Datasheet(PDF) 21 Page - AMIC Technology

Part # A25L40P
Description  4 Mbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25L40P Datasheet(HTML) 21 Page - AMIC Technology

Back Button A25L40P Datasheet HTML 17Page - AMIC Technology A25L40P Datasheet HTML 18Page - AMIC Technology A25L40P Datasheet HTML 19Page - AMIC Technology A25L40P Datasheet HTML 20Page - AMIC Technology A25L40P Datasheet HTML 21Page - AMIC Technology A25L40P Datasheet HTML 22Page - AMIC Technology A25L40P Datasheet HTML 23Page - AMIC Technology A25L40P Datasheet HTML 24Page - AMIC Technology A25L40P Datasheet HTML 25Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
A25L40P Series
PRELIMINARY
(May, 2007, Version 0.4)
20
AMIC Technology Corp.
Read Device Identification (RDID)
The Read Identification (RDID) instruction allows the 8-bit
manufacturer identification code to be read, followed by two
bytes of device identification. The manufacturer identification
is assigned by JEDEC, and has the value 37h, plus the
continuation identification for AMIC Technology. The device
identification is assigned by the device manufacturer, and
indicates the memory in the first bytes (20h), and the memory
capacity of the device in the second byte (13h).
The Device Identification of memory capacity is 13h.
Any Read Identification (RDID) instruction while an Erase, or
Program cycle is in progress, is not decoded, and has no
effect on the cycle that is in progress.
The device is first selected by driving Chip Select ( S ) Low.
Then, the 8-bit instruction code for the instruction is shifted in.
This is followed by the 32-bit device identification, stored in
the memory, being shifted out on Serial Data Output (Q),
each bit being shifted out during the falling edge of Serial
Clock (C).
The instruction sequence is shown in Figure 16. The Read
Identification (RDID) instruction is terminated by driving Chip
Select ( S ) High at any time during data output.
When Chip Select ( S ) is driven High, the device is put in the
Stand-by Power mode. Once in the Stand-by Power mode,
the device waits to be selected, so that it can receive, decode
and execute instructions.
Table 6. Read Identification (READ_ID) Data-Out Sequence
Manufacture Identification
Device Identification
Continuation ID
Manufacture ID
Memory Type
Memory Capacity
7Fh
37h
20h
13h
Figure 16. Read Identification (RDID) Data-Out Sequence
S
C
D
Q
Instruction
High Impedance
Continuation ID
810
9
01
2
3
4
5 6
7
21
30
22 23 24 25 26
29
31
Manufacture ID
Memory Type
15 14 13
10
9
8
23 22 21
18 17 16
31 30 29
26 25 24
13
15
14
16 17 18
33
32
34
38
37
39
Memory Capacity
65
21
0
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com