Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4672 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA4672
Description  Picture Signal Improvement PSI circuit with enhanced peaking function
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4672 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA4672 Datasheet HTML 4Page - NXP Semiconductors TDA4672 Datasheet HTML 5Page - NXP Semiconductors TDA4672 Datasheet HTML 6Page - NXP Semiconductors TDA4672 Datasheet HTML 7Page - NXP Semiconductors TDA4672 Datasheet HTML 8Page - NXP Semiconductors TDA4672 Datasheet HTML 9Page - NXP Semiconductors TDA4672 Datasheet HTML 10Page - NXP Semiconductors TDA4672 Datasheet HTML 11Page - NXP Semiconductors TDA4672 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
1996 Dec 11
8
Philips Semiconductors
Product specification
Picture Signal Improvement (PSI) circuit
with enhanced peaking function
TDA4672
Notes
1.
α
min: minimum differential voltage gain of the luminance video signal;
α
max: maximum differential voltage gain of the luminance video signal.
2. A number of more than 31 burst key pulses repeats the counter cycle of delay time control.
Sandcastle pulse, input voltage selectable via I2C-bus
V17
input voltage threshold for
H and V sync
SC5-bit = 0 (+12 V)
1.1
1.5
1.9
V
input voltage threshold for burst
SC5-bit = 0 (+12 V)
5.5
6.5
7.5
V
input voltage threshold for
H and V sync
SC5-bit = 1 (+5 V)
1.1
1.5
1.9
V
input voltage threshold for burst
SC5-bit = 1 (+5 V)
3.0
3.5
4.0
V
R17
input resistance
+12 V input level
30
40
50
k
Ω
+5 V input level
15
20
25
k
Ω
C17
input capacitance
−
48pF
tBK
burst key pulse width
3.0
4.0
4.6
µs
td
leading edge delay for clamping
pulse
referenced to tBK
−
1
−µs
np
number of required burst key
pulses vertical blanking interval
note 2
4
−
31
−
I2C-bus control, SDA and SCL
VIH
HIGH level input voltage on
pins 9 and 10
3
−
5V
VIL
LOW level input voltage on pins 9
and 10
0
−
1.5
V
I9,10
input current on pins 9 and 10
−−±10
µA
Vo(ACK)
output voltage at acknowledge on
pin 9
Io(ACK) =3mA
−−
0.4
V
Io(ACK)
output current at acknowledge on
pin 9
sink current
3
−−
mA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com