Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8663ACPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8663ACPZ-R7
Description  16V, 180關A Low Power, Low Noise, Single Precision CMOS Rail-to-Rail Output Operational Amplifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8663ACPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  AD8663ACPZ-R7 Datasheet HTML 1Page - Analog Devices AD8663ACPZ-R7 Datasheet HTML 2Page - Analog Devices AD8663ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8663ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8663ACPZ-R7 Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Preliminary Technical Data
AD8663
Rev. PrA | Page 5 of 5
ABSOLUTE MAXIMUM RATINGS
Table 1.
Parameter
Rating
Supply Voltage
18V
Input Voltage
VS supply
Differential Input Voltage
18V
Output Short-Circuit Duration to GND
Indefinite
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +125°C
Junction Temperature Range
−65°C to +150°C
Lead Temperature (Soldering 60 sec)
300°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in circuit board for surface-mount packages.
Table 2.
Package Type
θJA
θJC
Unit
8-Lead SOIC_N
121
43
°C/W
8-Lead LFCSP_VD
75
18
°C/W
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD8663ACPZ-R21
−40°C to +125°C
8-Lead Lead Frame Chip Scale Package [LFCSP_VD]
CP-8-2
AD8663ACPZ-R71
−40°C to +125°C
8-Lead Lead Frame Chip Scale Package [LFCSP_VD]
CP-8-2
AD8663ACPZ-RL1
−40°C to +125°C
8-Lead Lead Frame Chip Scale Package [LFCSP_VD]
CP-8-2
AD8663ARZ1
−40°C to +125°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
AD8663ARZ-R71
−40°C to +125°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
AD8663ARZ-RL1
−40°C to +125°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
1 Z = Pb-free part.
©2007 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
PR06742-0-6/07(PrA)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com