Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDL2011 Datasheet(PDF) 2 Page - ON Semiconductor

Part # ESDL2011
Description  ESD Protection Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ESDL2011 Datasheet(HTML) 2 Page - ON Semiconductor

  ESDL2011 Datasheet HTML 1Page - ON Semiconductor ESDL2011 Datasheet HTML 2Page - ON Semiconductor ESDL2011 Datasheet HTML 3Page - ON Semiconductor ESDL2011 Datasheet HTML 4Page - ON Semiconductor ESDL2011 Datasheet HTML 5Page - ON Semiconductor ESDL2011 Datasheet HTML 6Page - ON Semiconductor ESDL2011 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Bi−Directional Surge Protector
IPP
IPP
V
I
IR
IT
IT
IR
VRWM
VC VBR
VRWM
VC
VBR
ESDL2011
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS
(TA = 25C unless otherwise noted)
Symbol
Parameter
IPP
Maximum Reverse Peak Pulse Current
VC
Clamping Voltage @ IPP
VRWM
Working Peak Reverse Voltage
IR
Maximum Reverse Leakage Current @ VRWM
VBR
Breakdown Voltage @ IT
IT
Test Current
*See Application Note AND8308/D for detailed explanations of
datasheet parameters.
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse Working Voltage
VRWM
I/O Pin to GND
1.0
V
Breakdown Voltage
VBR
IT = 1 mA, I/O Pin to GND
1.4
1.65
2.3
V
Reverse Leakage Current
IR
VRWM = 1.0 V
30
500
nA
Clamping Voltage (Note 2)
VC
IEC61000−4−2, 8 kV Contact
Figures 1 and 2
V
Clamping Voltage
200 ns TLP
VC
IPP = 4 A
IEC61000−4−2 Level 1 Equivalent
(2 kV Contact, 4 kV Air)
3.5
4.0
V
IPP = 8 A
IEC61000−4−2 Level 2 Equivalent
(4 kV Contact, 8 kV Air)
4.8
6.0
Reverse Peak Pulse Current
per Figure 12
IPP
per IEC61000−4−5 (1.2/50 ms), Req = 12 W
3.5
4.5
A
Clamping Voltage 1.2/50 ms
Waveform per Figure 12
VC
IPP = 2.1 A, IEC61000−4−5 (1.2/50 ms),
Req = 12 W
2.9
3.5
V
Clamping Voltage 1.2/50 ms
Waveform per Figure 12
VC
IPP = 3.5 A, IEC61000−4−5 (1.2/50 ms),
Req = 12 W
3.6
4.0
V
Dynamic Resistance (TLP)
RDYN
I/O Pin to GND (4 A to 8 A, 200 ns TLP)
0.34
0.5
W
Junction Capacitance
CJ
VR = 0 V, f = 1 MHz
0.17
0.20
pF
Insertion Loss
IL
f = 5 GHz
f = 10 GHz
0.165
0.34
0.20
0.40
dB
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
2. For test procedure see application note AND8307/D.
3. ANSI/ESD STM5.5.1 − Electrostatic Discharge Sensitivity Testing using Transmission Line Pulse (TLP) Model.
TLP conditions: Z0 = 50 W, tp = 200 ns, tr = 4 ns, averaging window; t1 = 170 ns to t2 = 190 ns.
Figure 1. IEC61000−4−2 + 8 kV Contact ESD
Clamping Voltage
Figure 2. IEC61000−4−2 − 8 kV Contact ESD
Clamping Voltage
TIME (ns)
TIME (ns)
150
125
100
75
50
25
0
−25
−10
0
10
20
40
50
70
80
125
100
75
150
50
25
0
−25
30
60
90
100
−100
−90
−80
−70
−50
−40
−20
−10
−60
−30
0
10



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com