Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD807 Datasheet(PDF) 9 Page - Analog Devices

Part # AD807
Description  Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD807 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD807 Datasheet HTML 4Page - Analog Devices AD807 Datasheet HTML 5Page - Analog Devices AD807 Datasheet HTML 6Page - Analog Devices AD807 Datasheet HTML 7Page - Analog Devices AD807 Datasheet HTML 8Page - Analog Devices AD807 Datasheet HTML 9Page - Analog Devices AD807 Datasheet HTML 10Page - Analog Devices AD807 Datasheet HTML 11Page - Analog Devices AD807 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
REV. B
AD807
–9–
AD807
DATAOUTN
DATAOUTP
VCC2
CLKOUTN
CF1
CF2
VEE
SDOUT
PIN
NIN
AVCC1
THRADJ
AVEE
50
STRIP LINE
EQUAL LENGTH
C7–C10 ARE 0.1 F BYPASS
CAPACITORS
RIGHT ANGLE SMA CONNECTOR
OUTER SHELL TO GND PLANE
ALL RESISTORS ARE 1% 1/8 WATT
SURFACE MOUNT
TPxO TEST POINTS ARE VECTORBOARD
K24A/M PINS
NOTES:
TP7
TP8
J5
SDOUT
C9
R13
301
R14
49.9
R15
49.9
C13
0.1 F
C14
0.1 F
R16
3.65k
C12
0.1 F
J6
J7
PIN
NIN
VECTOR PINS SPACED FOR RN55C
TYPE RESISTOR; COMPONENT
SHOWN FOR REFERENCE ONLY
VCC1
CLKOUTP
AVCC2
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
NOTE:
INTERCONNECTION
RUN UNDER DUT
C10
RTHRESH
TP5
TP6
TP1
TP2
CD
VECTOR PINS SPACED THROUGH-HOLE
CAPACITOR ON VECTOR CUPS; COMPONENT
SHOWN FOR REFERENCE ONLY
R5 100
R6 100
50
STRIP LINE
EQUAL LENGTH
R10
154
R9
154
C7
R7 100
R8 100
C8
R12
154
R11
154
C11
10 F
TP3
TP4
5V
GND
R2
100
R1
100
C3 0.1 F
C4 0.1 F
C5 0.1 F
C6 0.1 F
R4
100
R3
100
C2
0.1 F
DATAOUTN
DATAOUTP
CLKOUTN
CLKOUTP
C1 0.1 F
J1
J2
J3
J4
Figure 12. Evaluation Board Schematic
Figure 13. Evaluation Board Pictorials
CIRCUIT SIDE
08-002901-02
REV A
SILKSCREEN TOP
08-002901-03
REV A
INT2
08-002901-08
REV A
COMPONENT SIDE
08-002901-01
REV A
INT1
08-002901-07
REV A
SOLDERMASK TOP
08-002901-04
REV A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com