Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV-RPG2-ENZ Datasheet(PDF) 14 Page - Analog Devices

Part # EV-RPG2-ENZ
Description  Multiprotocol Two-Port Industrial Ethernet Platform: Module and Embedded Design Solutions with Precertified Protocols
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EV-RPG2-ENZ Datasheet(HTML) 14 Page - Analog Devices

Back Button EV-RPG2-ENZ Datasheet HTML 10Page - Analog Devices EV-RPG2-ENZ Datasheet HTML 11Page - Analog Devices EV-RPG2-ENZ Datasheet HTML 12Page - Analog Devices EV-RPG2-ENZ Datasheet HTML 13Page - Analog Devices EV-RPG2-ENZ Datasheet HTML 14Page - Analog Devices EV-RPG2-ENZ Datasheet HTML 15Page - Analog Devices EV-RPG2-ENZ Datasheet HTML 16Page - Analog Devices EV-RPG2-ENZ Datasheet HTML 17Page - Analog Devices EV-RPG2-ENZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Data Sheet
ADIN2299
THEORY OF OPERATION
analog.com
Rev. D | 14 of 21
INDUSTRIAL ETHERNET CONNECTION
The ADIN2299 application circuit shown in Figure 16 includes
magnetics and a connector with link status and activity LEDs for
each Ethernet port.
The ADIN2299 module provides two PHYs to connect to the indus-
trial Ethernet network.
See Table 10 for the ADIN2299 connections to the RJ-45 and
Ethernet connectors on the user board as also shown in Figure 16.
Table 10. ADIN2299 Connections to the RJ-45 and Ethernet Connectors
Ball No.
Mnemonic
U2
P1_RD_N
U3
P1_RD_P
U4
P1_TD_N
U5
P1_TD_P
U13
P2_RD_N
U14
P2_RD_P
U15
P2_TD_N
U16
P2_TD_P
APPLICATIONS PROCESSOR INTERFACE
The applications processor interface is selected via the LT0 to LT2
balls as shown in Table 11. Keep LT2, LT1, and LT0 at ground when
the communication interface is selected by the board configuration
file. An option is available to override the pin configuration via the
Link Configuration File. See the RPG2 Hardware Design Integration
Guide for more details on the Link Configuration File.
For the communication protocol and information regarding how to
interface the application processor to the ADSP-CM409F on the
ADIN2299, see the RPG2 Unified Interface User Guide.
Table 11. Unified Interface Link Type Selection
LT2
LT1
LT0
Unified Interface Link Type
0
0
0
Ethernet
0
0
1
Reserved
0
1
0
SPI
0
1
1
Reserved
1
0
0
UART0
1
0
1
Reserved
1
1
0
Reserved
1
1
1
Reserved
UART Applications Processor Interface
If the UART interface is selected, connect the applications process-
or interface to the ADIN2299 module as shown in Figure 8 using
the balls indicated in Table 12. The UART is configured for 115,200
bps to 1,000,000 bps with 8 data bits, no parity, one start bit, and
one stop bit.
Figure 8. UART Applications Processor Interface
Table 12. UART Applications Processor Interface Balls
Mnemonic
Direction
Description
UART0_TX
Output
UART0 transmit output
UART0_RX
Input
UART0 receive input
SPI Applications Processor Interface
If the SPI is selected, connect the applications processor interface
to the ADIN2299 module as shown in Figure 12 using the balls
indicated in Table 14. The SPI follower connection supports a
10 MHz maximum clock rate with the clock phase bit (CPHA) =
0, so that data is captured on the leading edge, and the clock
polarity bit (CPOL) = 0 with the leading clock edge rising, and this
timing is described in the SPI Follower Interface Timing section.
The Unified Interface protocol is described in the Unified Interface
Control Document User Guide.
It is critical when a user is using the SPI that the user understands
the following regarding the BUSY and RREQ signals:
►
For the BUSY signal, the following is applicable:
►
A falling edge on BUSY indicates that transaction processing
is complete, and that the SPI follower is ready for the next
transaction.
►
Figure 11 shows the multitransaction read operation sequence
in detail.
►
BUSY is only used to pace the rate at which SPI transactions
occur. BUSY is not raised or lowered for other purposes.
►
BUSY always goes inactive after a SPI transaction, and there
are no cases in which BUSY goes high and stays high.
►
If a SPI transaction initiates while BUSY is high, undefined
behavior may result.
►
Due to underlying hardware and software constraints and
considerations, some jitter on BUSY is expected.
►
BUSY becomes active (high) no sooner than 1.14 μs after
SPI0_SEL3_SS goes inactive (high). BUSY stays active (high)
for at least
3.3 µs.
►
For the RREQ signal, the following is applicable:
►
A rising edge of this signal requires the SPI leader to acknowl-
edge the read request with a short SPI transaction before the
data can be read. After the read request is acknowledged, the
SPI follower drops RREQ to indicate that the data is ready to
be read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com