Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN2299BBCZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADIN2299BBCZ
Description  Multiprotocol Two-Port Industrial Ethernet Platform: Module and Embedded Design Solutions with Precertified Protocols
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN2299BBCZ Datasheet(HTML) 1 Page - Analog Devices

  ADIN2299BBCZ Datasheet HTML 1Page - Analog Devices ADIN2299BBCZ Datasheet HTML 2Page - Analog Devices ADIN2299BBCZ Datasheet HTML 3Page - Analog Devices ADIN2299BBCZ Datasheet HTML 4Page - Analog Devices ADIN2299BBCZ Datasheet HTML 5Page - Analog Devices ADIN2299BBCZ Datasheet HTML 6Page - Analog Devices ADIN2299BBCZ Datasheet HTML 7Page - Analog Devices ADIN2299BBCZ Datasheet HTML 8Page - Analog Devices ADIN2299BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Data Sheet
ADIN2299
Multiprotocol Two-Port Industrial Ethernet Platform: Module and Embedded Design
Solutions with Precertified Protocols
Rev. D
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
All protocols precertified
►
PROFINET RT (Class B)
►
PROFINET IRT (Class C)
►
EtherNet/IP with DLR
►
EtherCAT
►
Modbus/TCP
►
Configurable applications processor interface
►
UART: 115,200 bps to 1,000,000 bps
►
Ethernet at 10 Mbps or 100 Mbps
►
SPI follower: 10 MHz maximum clock
►
Industrial Ethernet interface-compliant to IEEE 802.3, 10Base or
100Base transmit half and full duplex
►
Single 3.3 V power supply, 840 mW
►
Cycle time down to 1 ms (cycle times vary based on protocol,
link type, and application data)
►
194-ball chip-scale package BGA form factor
►
RoHS 3 compliant
►
–40°C to +85°C industrial temperature range
APPLICATIONS
►
Industrial and process automation
►
Motion control
►
Transportation
►
Energy
►
Building automation
GENERAL DESCRIPTION
The ADIN2299 is a multiprotocol industrial Ethernet platform de-
signed to address the connectivity needs of a broad set of industrial
applications. The platform contains a communications controller,
a two-port 10/100 Mbps Ethernet switch, memory, physical layer
(PHY), and protocol stacks. The ADIN2299 hardware, coupled with
its software and precertified industrial protocols, reduces system
integration time, and enables fast time to market. Protocol support
includes PROFINET, EtherCat, EtherNet/IP, and Modbus TCP.
The ADIN2299 reduces design and debug time by not only pro-
viding the protocol stack but also the real-time operating system
(RTOS), file system, drivers, and transmission control protocol
(TCP)/internet protocol (IP). An application processor can connect
to the platform via a universal asynchronous receiver transmitter
(UART), serial peripheral interface (SPI), or Ethernet interface. The
ADIN2299 software enables the application processor to connect
to a unified interface so that various industrial protocols can be
utilized without requiring any changes to the application processor
software. This eliminates the learning curve associated with incor-
porating additional protocols. Customers can now leverage a single
field device hardware design to support multiple industrial protocols.
Another critical element of the ADIN2299 is cybersecurity. The
ADIN2299 has a secure boot and secure update feature which
ensures that only verified code is executed, reducing possible
disruptions in the field caused by cyberattacks. The ADIN2299
is also available as an embedded design to address applications
that have space constraints and unique form factors. To minimize
embedded design efforts, the schematics, layout examples, bill of
materials, firmware, and design files are readily available.
PRODUCT HIGHLIGHTS
►
Multiprotocol support
►
Precertified protocol support
►
Secure boot and secure update
►
Module and embedded design for small and unique form factors
►
Low power and low latency
►
Robust network policing ensures passing PROFINET Netload
Class 3


Similar Part No. - ADIN2299BBCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIN2299BBCZ AD-ADIN2299BBCZ Datasheet
1Mb / 21P
RapID Platform Generation 2 (RPG2) Network Interface
Rev. 0
ADIN2299BBCZ-RL AD-ADIN2299BBCZ-RL Datasheet
1Mb / 21P
RapID Platform Generation 2 (RPG2) Network Interface
Rev. 0
More results

Similar Description - ADIN2299BBCZ

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68EN302 MOTOROLA-MC68EN302 Datasheet
223Kb / 8P
Integrated Multiprotocol Processor with Ethernet
logo
Freescale Semiconductor...
MC68EN302 FREESCALE-MC68EN302 Datasheet
559Kb / 8P
Integrated Multiprotocol Processor with Ethernet
logo
Axiomtek Co., Ltd.
AX93291 AXIOMTEK-AX93291 Datasheet
351Kb / 1P
ZIO module with two Gigabit Ethernet and two COM ports
logo
Turck, Inc.
TBEN-S2-4IOL TURCK-TBEN-S2-4IOL Datasheet
268Kb / 8P
Compact Multiprotocol I/O Module for Ethernet
logo
Microchip Technology
KSZ8842-PMQL MICROCHIP-KSZ8842-PMQL Datasheet
2Mb / 126P
Two-Port Ethernet Switch with PCI Interface
02/28/20
logo
Beckhoff Automation Gmb...
CX8190 BECKHOFF-CX8190 Datasheet
140Kb / 3P
Embedded PC with different Ethernet protocols
logo
Black Box Registered Tr...
PE-505 BLACKBOX-PE-505 Datasheet
8Mb / 19P
Pure Embedded 10/100 5 Port Industrial Ethernet Switch
SW-114 BLACKBOX-SW-114 Datasheet
1Mb / 4P
EMBEDDED INDUSTRIAL 4 PORT GIGABIT ETHERNET SWITCH
SW-115 BLACKBOX-SW-115 Datasheet
1Mb / 4P
EMBEDDED INDUSTRIAL 5 PORT GIGABIT ETHERNET SWITCH
SW-125 BLACKBOX-SW-125 Datasheet
1Mb / 4P
Embedded Industrial 5 Port PoE Ethernet Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com