Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2913ACPZ Datasheet(PDF) 21 Page - Analog Devices

Part # ADN2913ACPZ
Description  Continuous Rate 6.5 Mbps to 8.5 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2913ACPZ Datasheet(HTML) 21 Page - Analog Devices

Back Button ADN2913ACPZ Datasheet HTML 17Page - Analog Devices ADN2913ACPZ Datasheet HTML 18Page - Analog Devices ADN2913ACPZ Datasheet HTML 19Page - Analog Devices ADN2913ACPZ Datasheet HTML 20Page - Analog Devices ADN2913ACPZ Datasheet HTML 21Page - Analog Devices ADN2913ACPZ Datasheet HTML 22Page - Analog Devices ADN2913ACPZ Datasheet HTML 23Page - Analog Devices ADN2913ACPZ Datasheet HTML 24Page - Analog Devices ADN2913ACPZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
Data Sheet
ADN2913
Rev. B | Page 21 of 35
The delay-locked and PLLs contribute to overall jitter tolerance.
At low frequencies of input jitter on the data signal, the
integrator in the loop filter provides high gain to track large
jitter amplitudes with small phase error. In this case, the
oscillator is frequency modulated and jitter is tracked as in an
ordinary PLL. The amount of low frequency jitter that can be
tracked is a function of the DCO tuning range. A wider tuning
range gives larger tolerance of low frequency jitter. The internal
loop control word remains small for small jitter frequency so
that the phase shifter remains close to the center of the range
and, thus, contributes little to the low frequency jitter tolerance.
At medium jitter frequencies, the gain and tuning range of the
DCO are not large enough to track input jitter. In this case, the
DCO control word becomes large and saturates. As a result, the
DCO frequency remains at an extreme of the tuning range.
The size of the DCO tuning range, therefore, has only a small
effect on the jitter tolerance. The DLL control range is now larger;
therefore, the phase shifter tracks the input jitter. An infinite
range phase shifter is used on the clock. Consequently, the
minimum range of timing mismatch between the clock at the data
sampler and the retiming clock at the output is limited by the
depth of the FIFO to 32 UI.
There are two ways to acquire the data rate. The default mode is
for the frequency to lock to the input data, where a finite state
machine extracts frequency measurements from the data to
program the DCO and loop division ratio so that the sampling
frequency matches the data rate to within 250 ppm. The PLL is
enabled, driving this frequency difference to 0 ppm. The second
mode is to lock to the reference, in which case the user provides
a reference clock between 11.05 MHz and 176.8 MHz. Division
ratios must be written to a serial port register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com