Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4686 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA4686
Description  Video processor with automatic cut-off control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4686 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA4686 Datasheet HTML 4Page - NXP Semiconductors TDA4686 Datasheet HTML 5Page - NXP Semiconductors TDA4686 Datasheet HTML 6Page - NXP Semiconductors TDA4686 Datasheet HTML 7Page - NXP Semiconductors TDA4686 Datasheet HTML 8Page - NXP Semiconductors TDA4686 Datasheet HTML 9Page - NXP Semiconductors TDA4686 Datasheet HTML 10Page - NXP Semiconductors TDA4686 Datasheet HTML 11Page - NXP Semiconductors TDA4686 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
1997 Jun 23
8
Philips Semiconductors
Product specification
Video processor with automatic cut-off control
TDA4686
AUTO-INCREMENT
The auto-increment format enables quick slave receiver
initialization by one transmission, when the I2C-bus control
bit BREN = 0 (see control register bits of Table 1).
If BREN = 1 auto-increment is not possible.
If the auto-increment format is selected, the MAD byte is
followed by a SAD byte and by the data bytes of
consecutive subaddresses (see Fig.6).
All subaddresses from 00H to 0FH are automatically
incremented, the subaddress counter wraps round from
0FH to 00H. Reserved subaddresses 07H, 08H, 09H,
0BH, 0EH and 0FH are treated as legal but have no effect.
Subaddresses outside the range 00H and 0FH are not
acknowledged by the device.
Subaddresses are stored in the TDA4686 to address the
following parameters and functions (see Table 1):
• Brightness adjust
• Saturation adjust
• Contrast adjust
• Hue control voltage
• RGB gain adjust
• Peak drive limiting adjust
• Control register functions.
The data bytes D7 to D0 (see Table 1) provide the data of
the parameters and functions for video processing.
CONTROL REGISTER 1
NMEN (NTSC Matrix Enable):
0 = PAL/SECAM matrix
1 = NTSC matrix.
BREN (Buffer Register Enable):
0 = new data is executed as soon as it is received
1 = data is stored in buffer registers and is transferred to
the data registers during the next vertical blanking
interval.
The I2C-bus receiver does not accept any new data until
this data is transferred into the data registers.
SC5 (SandCastle 5 V):
0 = 3-level sandcastle pulse
1 = 2-level (5 V) sandcastle pulse.
CONTROL REGISTER 2
FSON2 (Fast Switch 2 ON).
FSDIS2 (Fast Switch 2 Disable).
FSON1 (Fast Switch 1 ON).
FSDIS1 (Fast Switch 1 Disable).
The RGB input signals are selected by FSON2 and
FSON1 or FSW2 and FSW1:
• FSON2 has priority over FSON1
• FSW2 has priority over FSW1
• FSDIS1 and FSDIS2 disable FSW1 and FSW2
(see Table 2).
BCOF (Black level Control Off):
0 = automatic cut-off control enabled
1 = automatic cut-off control disabled; RGB outputs are
clamped to fixed DC levels.
When the supply voltage has dropped below
approximately 6.0 V (usually occurs when the TV receiver
is switched on or the supply voltage is interrupted) all data
and function bits are set to 01H.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com