Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIMC-Q0603-R10 Datasheet(PDF) 1 Page - Abracon Corporation

Part # AIMC-Q0603-R10
Description  Automotive Multilayer Ceramic Chip Inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AIMC-Q0603-R10 Datasheet(HTML) 1 Page - Abracon Corporation

  AIMC-Q0603-R10 Datasheet HTML 1Page - Abracon Corporation AIMC-Q0603-R10 Datasheet HTML 2Page - Abracon Corporation AIMC-Q0603-R10 Datasheet HTML 3Page - Abracon Corporation AIMC-Q0603-R10 Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Hidden Creek Ln Spicewood TX 78669
5101
Phone: 512-371-6159 | Fax: 512-351-8858
REVISION: IR 11-13-23
For terms and conditions of sales, please visit:
www.abracon.com
Automotive Multilayer Ceramic Chip Inductor
AIMC-Q0603
1.6 x 0.8 x 0.8 mm
RoHS/RoHS II Compliant
MSL Level = 1
Request Samples
Check Inventory
Part Number
Inductance
(nH)
Tolerance
Quality
Factor
min.
L/Q
Freq.
(MHz)
SRF
(GHz)
min.
DCR
(Ω)
max.
Rated
Current
(mA) max.
AIMC-Q0603-1N0
1.0
S
8
100
10.00
0.05
1000
AIMC-Q0603-1N2
1.2
S
8
100
10.00
0.05
1000
AIMC-Q0603-1N5
1.5
S
8
100
10.00
0.10
1000
AIMC-Q0603-1N8
1.8
S
8
100
10.00
0.10
1000
AIMC-Q0603-2N2
2.2
S
8
100
8.00
0.10
1000
AIMC-Q0603-2N7
2.7
S
10
100
7.00
0.13
1000
AIMC-Q0603-3N3
3.3
S
10
100
6.00
0.13
1000
AIMC-Q0603-3N9
3.9
S
10
100
6.00
0.15
1000
AIMC-Q0603-4N7
4.7
S
10
100
5.00
0.20
1000
AIMC-Q0603-5N6
5.6
S
10
100
4.00
0.23
700
AIMC-Q0603-6N8
6.8
J
10
100
4.00
0.25
700
AIMC-Q0603-8N2
8.2
J
10
100
3.50
0.28
600
AIMC-Q0603-10N
10
J
12
100
3.40
0.30
600
AIMC-Q0603-12N
12
J
12
100
2.60
0.35
600
AIMC-Q0603-15N
15
J
12
100
2.30
0.40
600
AIMC-Q0603-18N
18
J
12
100
2.00
0.45
600
AIMC-Q0603-22N
22
J
12
100
1.60
0.50
600
AIMC-Q0603-27N
27
J
12
100
1.40
0.55
600
AIMC-Q0603-33N
33
J
12
100
1.20
0.60
600
AIMC-Q0603-39N
39
J
12
100
1.10
0.65
500
AIMC-Q0603-47N
47
J
12
100
0.90
0.70
500
AIMC-Q0603-56N
56
J
12
100
0.90
0.75
500
AIMC-Q0603-68N
68
J
12
100
0.70
0.85
400
AIMC-Q0603-82N
82
J
12
100
0.60
0.95
300
AIMC-Q0603-R10
100
J
12
100
0.60
1.00
300
AIMC-Q0603-R12
120
J
8
50
0.50
1.20
300
•
PPAP ready and supported
•
TS16949 certified production lines
•
AEC-Q200 (grade 1) qualified
•
Ceramic base with high SRF
•
Excellent DCR and current carrying characteristics.
•
Multilayer monolithic construction yields high
reliability
•
Tight tolerance down to ±0.3nH
•
Automotive applications
•
Bluetooth, W-LAN, Broadband Network
•
Impedance matching networks
•
Filtering for high frequency communication
circuits
•
Video cameras, displays, and other electronic
devices.
Electrical Specifications
Applications
Features


Similar Part No. - AIMC-Q0603-R10

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AIMC-Q0201HQ ABRACON-AIMC-Q0201HQ Datasheet
629Kb / 5P
Automotive Multilayer Ceramic Chip Inductor
11-13-23
AIMC-Q0201HQ-0N6 ABRACON-AIMC-Q0201HQ-0N6 Datasheet
629Kb / 5P
Automotive Multilayer Ceramic Chip Inductor
11-13-23
AIMC-Q0201HQ-0N7 ABRACON-AIMC-Q0201HQ-0N7 Datasheet
629Kb / 5P
Automotive Multilayer Ceramic Chip Inductor
11-13-23
AIMC-Q0201HQ-0N8 ABRACON-AIMC-Q0201HQ-0N8 Datasheet
629Kb / 5P
Automotive Multilayer Ceramic Chip Inductor
11-13-23
AIMC-Q0201HQ-0N9 ABRACON-AIMC-Q0201HQ-0N9 Datasheet
629Kb / 5P
Automotive Multilayer Ceramic Chip Inductor
11-13-23
More results

Similar Description - AIMC-Q0603-R10

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8430 FILTRAN-8430 Datasheet
152Kb / 4P
MULTILAYER Ceramic Chip Inductor
logo
TOKO, Inc
LLV0603-FH TOKO-LLV0603-FH Datasheet
111Kb / 2P
MULTILAYER CERAMIC CHIP INDUCTOR
logo
Murata Manufacturing Co...
GCM1555C1H1R8CA16 MURATA-GCM1555C1H1R8CA16 Datasheet
834Kb / 29P
Chip Multilayer Ceramic Capacitors for Automotive
GCM1555C1H8R2DA16 MURATA-GCM1555C1H8R2DA16 Datasheet
843Kb / 29P
Chip Multilayer Ceramic Capacitors for Automotive
GCM1555C1H681JA16 MURATA-GCM1555C1H681JA16 Datasheet
839Kb / 29P
Chip Multilayer Ceramic Capacitors for Automotive
GCM1555C1H470FA16 MURATA-GCM1555C1H470FA16 Datasheet
843Kb / 29P
Chip Multilayer Ceramic Capacitors for Automotive
GCM155R72A102JA37 MURATA-GCM155R72A102JA37 Datasheet
834Kb / 29P
Chip Multilayer Ceramic Capacitors for Automotive
GCM1555C1H8R2CA16 MURATA-GCM1555C1H8R2CA16 Datasheet
836Kb / 29P
Chip Multilayer Ceramic Capacitors for Automotive
GCM1555C1H470GA16 MURATA-GCM1555C1H470GA16 Datasheet
836Kb / 29P
Chip Multilayer Ceramic Capacitors for Automotive
logo
Murata Manufacturing Co...
GCM188R71H224KA49 MURATA1-GCM188R71H224KA49 Datasheet
793Kb / 4P
Automotive chip multilayer ceramic capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com