Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIMC-Q0603-R12 Datasheet(PDF) 2 Page - Abracon Corporation

Part # AIMC-Q0603-R12
Description  Automotive Multilayer Ceramic Chip Inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AIMC-Q0603-R12 Datasheet(HTML) 2 Page - Abracon Corporation

  AIMC-Q0603-R12 Datasheet HTML 1Page - Abracon Corporation AIMC-Q0603-R12 Datasheet HTML 2Page - Abracon Corporation AIMC-Q0603-R12 Datasheet HTML 3Page - Abracon Corporation AIMC-Q0603-R12 Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Hidden Creek Ln Spicewood TX 78669
5101
Phone: 512-371-6159 | Fax: 512-351-8858
REVISION: IR 11-13-23
For terms and conditions of sales, please visit:
www.abracon.com
Automotive Multilayer Ceramic Chip Inductor
AIMC-Q0603
1.6 x 0.8 x 0.8 mm
RoHS/RoHS II Compliant
MSL Level = 1
Request Samples
Check Inventory
Test Conditions and equipment
L, Q: High Accuracy RF Impedance /Material Analyzer-E4991A+16197A
DCR: High Accuracy Milliohmmeter Agilent 4338B.
Rated Current: DC Power Supplier, Current Meter, Thermometer. ∆T ≤ 25˚C.
Operating Temperature: -55
℃~+125℃(includingself-temperaturerise)
Storage Temperature: -10
℃~+40℃,RH70%(Max.)
AIMC-Q0603 is AEC-Q200 qualified.
AIMC-Q0603 Series is RoHS Compliant and Pb free.
AIMC - Q0603 -
-
Dimension: mm [inch]
Inductance Code
Please refer to Electrical
Spec table
Tolerance
S: ±0.3nH
J: ±5%
Packaging
T: Tape and Reel (4kpcs / reel)
Blank: Bulk
Series
L
W
T
a
AIMC-Q0603
1.60 ± 0.15
0.80 ± 0.15
0.80 ± 0.15
0.20~0.60
[0.063±0.006]
[ 0.03±0.006]
[ 0.03±0.006]
[0.008~0.023]
Mechanical Specifications
Part Identification
Electrical Specifications (Cont’d)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com