Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIMC-Q0402-R10 Datasheet(PDF) 2 Page - Abracon Corporation

Part # AIMC-Q0402-R10
Description  Automotive Multilayer Ceramic Chip Inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AIMC-Q0402-R10 Datasheet(HTML) 2 Page - Abracon Corporation

  AIMC-Q0402-R10 Datasheet HTML 1Page - Abracon Corporation AIMC-Q0402-R10 Datasheet HTML 2Page - Abracon Corporation AIMC-Q0402-R10 Datasheet HTML 3Page - Abracon Corporation AIMC-Q0402-R10 Datasheet HTML 4Page - Abracon Corporation AIMC-Q0402-R10 Datasheet HTML 5Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Hidden Creek Ln Spicewood TX 78669
5101
Phone: 512-371-6159 | Fax: 512-351-8858
REVISION: IR 11-13-23
For terms and conditions of sales, please visit:
www.abracon.com
Automotive Multilayer Ceramic Chip Inductor
AIMC-Q0402
1.0 x 0.5 x 0.5 mm
RoHS/RoHS II Compliant
MSL Level = 1
Request Samples
Check Inventory
Part Number
Inductance
(nH)
Tolerance
Quality
Factor
min.
L/Q
Freq.
(MHz)
SRF
(GHz)
min.
DCR
(Ω)
max.
Rated
Current
(mA)
max.
AIMC-Q0402-4N3
4.3
B, C, S
8
100
6.00
0.20
700
AIMC-Q0402-4N7
4.7
B, C, S
8
100
6.00
0.20
700
AIMC-Q0402-5N1
5.1
B, C, S
8
100
5.30
0.23
600
AIMC-Q0402-5N6
5.6
B, C, S
8
100
4.50
0.23
600
AIMC-Q0402-6N2
6.2
B, C, S
8
100
4.50
0.25
600
AIMC-Q0402-6N8
6.8
G, H, J
8
100
4.50
0.25
600
AIMC-Q0402-7N5
7.5
G, H, J
8
100
4.20
0.28
500
AIMC-Q0402-8N2
8.2
G, H, J
8
100
3.70
0.28
500
AIMC-Q0402-9N1
9.1
G, H, J
8
100
3.40
0.30
500
AIMC-Q0402-10N
10
G, H, J
8
100
3.40
0.30
500
AIMC-Q0402-12N
12
G, H, J
8
100
3.00
0.45
400
AIMC-Q0402-15N
15
G, H, J
8
100
2.50
0.55
400
AIMC-Q0402-18N
18
G, H, J
8
100
2.20
0.65
300
AIMC-Q0402-22N
22
G, H, J
8
100
1.90
0.70
300
AIMC-Q0402-27N
27
G, H, J
8
100
1.70
0.80
300
AIMC-Q0402-33N
33
G, H, J
8
100
1.60
0.90
200
AIMC-Q0402-39N
39
G, H, J
8
100
1.20
1.00
200
AIMC-Q0402-47N
47
G, H, J
8
100
1.10
1.10
200
AIMC-Q0402-56N
56
G, H, J
8
100
1.00
1.10
200
AIMC-Q0402-68N
68
G, H, J
8
100
0.80
1.20
200
AIMC-Q0402-82N
82
J
8
100
0.60
1.30
200
AIMC-Q0402-R10
100
J
8
100
0.60
1.60
200
Test Conditions and equipment
L, Q: High Accuracy RF Impedance /Material Analyzer-E4991A+16197A
DCR: High Accuracy Milliohmmeter Agilent 4338B
Rated Current: DC Power Supplier, Current Meter, Thermometer. ∆T ≤ 25˚C
Operating Temperature: -55
℃~+125℃(includingself-temperaturerise)
Storage Temperature: -10
℃~+40℃,RH70%(Max.)
AIMC-Q0402 is AEC-Q200 qualified.
AIMC-Q0402 Series is RoHS Compliant and Pb free.
Electrical Specifications (Cont’d)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com