Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS6041GPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IPS6041GPBF
Description  INTELLIGENT POWER HIGH SIDE SWITCH
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS6041GPBF Datasheet(HTML) 2 Page - International Rectifier

  IPS6041GPBF Datasheet HTML 1Page - International Rectifier IPS6041GPBF Datasheet HTML 2Page - International Rectifier IPS6041GPBF Datasheet HTML 3Page - International Rectifier IPS6041GPBF Datasheet HTML 4Page - International Rectifier IPS6041GPBF Datasheet HTML 5Page - International Rectifier IPS6041GPBF Datasheet HTML 6Page - International Rectifier IPS6041GPBF Datasheet HTML 7Page - International Rectifier IPS6041GPBF Datasheet HTML 8Page - International Rectifier IPS6041GPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
IPS6041(G)(R)(S)PbF
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters
are referenced to Ground lead. (Tambient=25°C unless otherwise specified).
Symbol
Parameter
Min.
Max.
Units
Vout
Maximum output voltage
Vcc-35 Vcc+0.3
Voffset
Maximum logic ground to load ground offset
Vcc-35 Vcc+0.3
Vin
Maximum input voltage
-0.3
5.5
Vcc max.
Maximum Vcc voltage
⎯
36
Vcc cont.
Maximum continuous Vcc voltage
⎯
28
V
Iin max.
Maximum IN current
-3
10
Idg max.
Maximum diagnostic output current
-3
10
mA
Vdg
Maximum diagnostic output voltage
-0.3
5.5
V
Maximum power dissipation (internally limited by thermal protection)
Rth=100°C/W IPS6041G
⎯
1.25
Pd
Rth=50°C/W IPS6041R 1”sqrt. footprint
⎯
2.5
W
Electrostatic discharge voltage (Human body) C=100pF, R=1500
Ω
Between In and Vcc
⎯
1500
Other combinations
⎯
4000
Electrostatic discharge voltage (Machine Model) C=200pF,R=0
Ω,L=10µH
Between In and Vcc
⎯
100
ESD
Other combinations
⎯
500
V
Tj max.
Max. storage & operating temperature junction temperature
-40
150
°C
Tsoldering
Soldering temperature (10 seconds)
⎯
300
°C
Thermal Characteristics
Symbol
Parameter
Typ.
Max.
Units
Rth1
Thermal resistance junction to ambient IPS6041G
100
⎯
Rth1
Thermal resistance junction to ambient IPS6041R D-Pak std. footprint
70
⎯
Rth2
Thermal resistance junction to ambient IPS6041R D-Pak 1” sqrt. footprint
50
⎯
Rth3
Thermal resistance junction to case IPS6041(R)(S) D-Pak/D2pak/TO220
6
⎯
Rth1
Thermal resistance junction to ambient IPS6041(S) D2Pak/TO220 std.
footprint
60
⎯
Rth2
Thermal resistance junction to ambient IPS6041S D2Pak 1” sqrt. footprint
40
⎯
°C/W
Recommended Operating Conditions
These values are given for a quick design. For operation outside these conditions, please consult the application notes.
Symbol
Parameter
Min.
Max.
Units
VIH
High level input voltage
4
5.5
VIL
Low level input voltage
0
0.9
Continuous drain current, Tambient=85°C, Tj=125°C, Vin=5V
Rth=100°C/W IPS6041G
⎯
1.6
Iout
Rth=50°C/W IPS6041R 1” sqrt. footprint
⎯
2.3
A
Rin
Recommended resistor in series with IN pin
4
10
Rdgs
Recommended resistor in series with DG pin for reverse battery protection
4
20
Rdgp
Recommended pull-up resistor for DG
4
20
Rol
Recommended pull-up resistor for open load detection
5
100
k
Ω
F max.
Max. switching frequency
⎯
3.5
kHz
www.irf.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com