Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

55152 Datasheet(PDF) 1 Page - Alpha Wire

Part # 55152
Description  20 (7/28) AWG Tinned Copper
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

55152 Datasheet(HTML) 1 Page - Alpha Wire

  55152 Datasheet HTML 1Page - Alpha Wire 55152 Datasheet HTML 2Page - Alpha Wire 55152 Datasheet HTML 3Page - Alpha Wire 55152 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. 55152
Construction
 
Diameters (In)
1) Component 1
2 X 1 COND
 
a) Conductor
20 (7/28) AWG Tinned Copper
0.038
b) Insulation
0.010" Wall, Nom. FEP
0.058
(1) Color Code
Alpha Wire Color Code E
Cond
Color
Cond
Color
Cond
Color
1
BLACK
2
BROWN
 
2) Cable Assembly
2 Components Cabled
 
a) Twists:
8.0 Twists/foot (min)
 
b) Orientation:
Components to be arranged from INSIDE LAYER to
OUTSIDE LAYER
 
c) Core Wrap
PTFE(skived) Tape, 25% Overlap, Min.
 
3) Shield:
A/P/A Tape, 25% Overlap, Min.
 
a) Drain Wire
20 (7/28) AWG Tinned Copper
 
b) Braid
Tinned Copper,70% Coverage, Min.
 
4) Jacket
0.027" Wall, Nom.,FEP
0.204 (0.214 Max.)
a) Tint Color(s)
Natural Tan, Slate, Black, Yellow, Orange, Blue, Green, Red,
White
b) Ripcord
Para-Aramid fiber(Kevlar, Twaron or equal)
 
c) Marker Tape
ALPHA WIRE-*
XTRAGUARD(R) 5 - 20 AWG SHIELDED 150C (UL) CMP
OR AWM 20229 -- LLXXXXXX CSA CMP FT6
CE ROHS
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending
upon plant of manufacture.]
Applicable Specifications


Similar Part No. - 55152

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
5515 MALLORY-5515 Datasheet
409Kb / 1P
Ford Modular Coil-on-Plug
logo
List of Unclassifed Man...
5515 ETC-5515 Datasheet
31Kb / 1P
High Current RF Chokes
logo
Adafruit Industries
5515 ADAFRUIT-5515 Datasheet
127Kb / 1P
Shrouded Servo to Premium Male Jumper Wires Cable - 17cm long
8-17-22
logo
Bourns Electronic Solut...
5515-RC BOURNS-5515-RC Datasheet
469Kb / 1P
High Current Chokes
logo
Knowles Electronics
55153 KNOWLES-55153 Datasheet
857Kb / 2P
OUTLINE DRAWING FOR JZxxx SERIES
12/4/2014
More results

Similar Description - 55152

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-461 RHOMBUS-IND-L-461 Datasheet
15Kb / 1P
AWG Tinned Copper
9/17/02
logo
General Cable Technolog...
C9209A GENERAL-C9209A Datasheet
69Kb / 1P
#22 AWG 7/30 Tinned Copper
logo
List of Unclassifed Man...
1344170 ETC2-1344170 Datasheet
98Kb / 3P
20 AWG stranded (7x28) tinned copper conductors
1347330 ETC2-1347330 Datasheet
99Kb / 3P
20 AWG stranded (19x33) .035 tinned copper conductor
1348422 ETC2-1348422 Datasheet
98Kb / 3P
Minature, 28 AWG solid .013 tinned copper conductor, polypropylene insulation, bare copper braid shield
28383 ETC2-28383 Datasheet
33Kb / 3P
20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
1351327 ETC2-1351327 Datasheet
99Kb / 3P
20 AWG pairs stranded (19x32) tinned copper conductors
1682724 ETC2-1682724 Datasheet
104Kb / 3P
20 AWG stranded (10x30) tinned copper conductor
logo
Alpha Wire
9853C ALPHAWIRE-9853C Datasheet
35Kb / 3P
Transceiver drop cable, consisting of 3 pairs 20 AWG (7/28) tinned copper conductors,
logo
List of Unclassifed Man...
9272 ETC2-9272 Datasheet
101Kb / 3P
20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com