Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF557 Datasheet(PDF) 3 Page - Advanced Power Technology

Part # MRF557
Description  RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MRF557 Datasheet(HTML) 3 Page - Advanced Power Technology

  MRF557 Datasheet HTML 1Page - Advanced Power Technology MRF557 Datasheet HTML 2Page - Advanced Power Technology MRF557 Datasheet HTML 3Page - Advanced Power Technology MRF557 Datasheet HTML 4Page - Advanced Power Technology MRF557 Datasheet HTML 5Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MRF557
MRF557G
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
Rev A 9/2005
FUNCTIONAL
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
GPE
Power Gain
Test Circuit-Figure 1
Pout = 1.5 W, VCE =12.5Vdc
f = 870 MHz
8
9
-
dB
η
Collector Efficiency
Test Circuit-Figure 1
Pout = 1.5 W, VCE =12.5Vdc
f = 870 MHz
55
60
-
%
ψ
Load Mismatch
VSWR
≥ 10:1 All Phase Angles
Test Circuit-Figure 1
Pout = 1.5 W, VCE =12.5Vdc
f = 870 MHz
No Degradation in Output Power
-



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com