Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB310 Datasheet(PDF) 1 Page - Abracon Corporation

Part # AB310
Description  HIGH FREQUENCY, CYLINDRICAL TYPE MICROPROCESSOR CRYSTALS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB310 Datasheet(HTML) 1 Page - Abracon Corporation

  AB310 Datasheet HTML 1Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
HIGH FREQUENCY, CYLINDRICAL TYPE
MICROPROCESSOR CRYSTALS
AB308 and AB310
APPLICATIONS:
• Wide range of applications.
• Microprocessor clocks.
• Communications, Measuring instruments.
• Video and audio equipment
Environmental, and mechanical specifications, see appendix C. Group 2.
Marking, see appendix G.
Recommended handling, see appendix F.
Application notes, see appendix A.
Frequency Range
3.5 MHz - 25 MHz
Operation Mode
Fundamental, AT
Operating Temperature
-10°C to + 60° C
(See Options)
Storage Temperature
-55°C to + 125° C
Frequency Tolerance @ 25°C
± 50 ppm max.
(See Options)
Frequency Stability over Temp.
± 50 ppm max.
(See Options)
Equivalent Series Resistance
200
Ω for 3.5 MHz
(ESR) Maximum
150
Ω for 4.0 MHz < F < 6.0 MHz
100
Ω for 6.0 MHz < F < 10.0 MHz
80
Ω for 10 MHz < F < 14.0 MHz
50
Ω for 14 MHz < F <_ 25 MHz
Shunt Capacitance C0
7 pF max.
Load Capacitance CL
16 p F
(See Option)
Drive Level
100 µ
Ω max.
Aging @ 25° C First Year
± 5 pp m max.
Insulation Resistance
500 M
Ω min. at 100 Vdc ± 15V
PARAMETERS
AB308
AB310
S
S
T
T
A
A
N
N
D
D
A
A
R
R
D
D
S
S
P
P
E
E
C
C
I
I
F
F
I
I
C
C
A
A
T
T
I
I
O
O
N
N
S
S
Frequency Range
4.001MHz - 90MHz
3.5MHz - 4.000MHz
Operation Mode
Fundamental
Operating Temperature
-10° C to + 60°C
(See Options)
Storage Temperature
-40°C to + 85°C
Frequency Tolerance @ 25°C
±30ppm max.
(See Options)
Frequency Stability over Temp.
±50ppm max.
(See Options)
Equivalent Series Resistance
(ESR)
Fundamental
3rd Overtone
Shunt Capacitance C0
5pF max.
Load Capacitance CL
16pF typical
(See Options)
Drive Level
100µW max.
Aging @ 25°C First Year
±5pp m max.
Insulation Resistance
500M
Ω min. at 100Vdc ±15V
ABXXX - Frequency - CL - ESR - Temperature - Tolerance - Stability - Mode
XX.XXX MHz
RXXX
(value in
Ω)
-5 for ± 50ppm
- F
(Fundamental AT > 30MHz)
- FB (Fundamental BT > 30MHz)*
-Y for ± 30ppm
ORDERING OPTIONS
4.001MHz ~ 32.0MHz
(Fundamental)
30.01MHz ~ 70.0MHz
(3rd overtone)
150
Ω max. for 4.001MHz <
_ F < 6.0MHz
100
Ω max. for 6.000MHz <
_ F < 10.0MHz
50
Ω max. for 10.000MHz <
_ F <
_ 32.0MHz
100
Ω max. for 30.0MHz <_ F < 36.0MHz
80
Ω max. for 36.00MHz <_ F <_ 90.0MHz
308 or 310
TYPICAL FREQUENCY
-VS-
TEMPERATURE CURVE
-10°
25°
60°
+30°
-30°
TEMP °C
Load cap. in pF or
-S for Series
200
Ω max.
∆∆f / fo
(ppm)
FEATURES:
• Miniature High-Frequency crystals.
• Excellent vibration, Shock resistant.
AB308
AB310
- E for
0°C to + 70°C
-B for -20°C to + 70°C
-D for -40°C to + 85°C
10.0 x 03.2 mm
* +100ppm stability at -10
oC to 60oC
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
NOTE: Left blank if standard • All specifications and markings subject to change without notice
29 Journey • Aliso Viejo, CA 92656 • USA
(949) 448-7070
•
FAX: (949) 448-8484
E-MAIL:
abinfos@ abracon.com • INTERNET ADDRESS: www.abracon.com
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON
®
CORPORA TION
34
Dimensions: Inches (mm)


Similar Part No. - AB310

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AB310 ABRACON-AB310 Datasheet
641Kb / 1P
LOW FREQUENCY CYLINDRICAL TYPE MICROPROCESSOR CRYSTAL
02.25.08
AB310R ABRACON-AB310R Datasheet
375Kb / 1P
HIGH FREQUENCY, CYLINDRICAL TYPE CRYSTALS REFLOWABLE SURFACE MOUNT
logo
Microdiode Semiconducto...
AB310S CHENDA-AB310S Datasheet
741Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
AB310S CHENDA-AB310S Datasheet
751Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
AB310S CHENDA-AB310S Datasheet
464Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - AB310

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VXA4 VECTRON-VXA4 Datasheet
44Kb / 2P
Microprocessor Crystals
VXB1 VECTRON-VXB1 Datasheet
130Kb / 2P
Microprocessor Crystals
logo
Abracon Corporation
AB38T ABRACON-AB38T Datasheet
393Kb / 1P
LOW FREQUENCY, 32.768kHz CYLINDRICAL TYPE TUNING FORK CRYSTALS
AB308R ABRACON-AB308R Datasheet
375Kb / 1P
HIGH FREQUENCY, CYLINDRICAL TYPE CRYSTALS REFLOWABLE SURFACE MOUNT
AB308 ABRACON-AB308_08 Datasheet
683Kb / 1P
HIGH FREQUENCY CYLINDRICAL TYPE MICROPROCESSOR CRYSTAL
02.15.08
AB310 ABRACON-AB310 Datasheet
641Kb / 1P
LOW FREQUENCY CYLINDRICAL TYPE MICROPROCESSOR CRYSTAL
02.25.08
logo
Vectron International, ...
VXB1 VECTRON-VXB1_08 Datasheet
113Kb / 4P
Microprocessor Crystals
VXM7 VECTRON-VXM7 Datasheet
91Kb / 4P
Microprocessor Crystals
logo
List of Unclassifed Man...
X32K768L009 ETC2-X32K768L009 Datasheet
139Kb / 1P
Cylindrical Watch Crystals
logo
Abracon Corporation
AB308 ABRACON-AB308_15 Datasheet
1Mb / 2P
HIGH FREQUENCY CYLINDRICAL TYPE MICROPROCESSOR CRYSTAL
08.07.14
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com