Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1750122 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1750122
Description  MCDNV 1,5/ 4-G1-3,81 P14THR - PCB header
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1750122 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1750122 Datasheet HTML 1Page - PHOENIX CONTACT 1750122 Datasheet HTML 2Page - PHOENIX CONTACT 1750122 Datasheet HTML 3Page - PHOENIX CONTACT 1750122 Datasheet HTML 4Page - PHOENIX CONTACT 1750122 Datasheet HTML 5Page - PHOENIX CONTACT 1750122 Datasheet HTML 6Page - PHOENIX CONTACT 1750122 Datasheet HTML 7Page - PHOENIX CONTACT 1750122 Datasheet HTML 8Page - PHOENIX CONTACT 1750122 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
PCB headers, nominal cross section: 1.5 mm2, color: black, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Tin, contact connection type: Pin, number of potentials: 8, number
of rows: 2, number of positions: 4, number of connections: 8, product range: MCDNV 1,5/..-G1-
THR, pitch: 3.81 mm, mounting: THR soldering / wave soldering, pin layout: Linear pinning,
solder pin [P]: 1.4 mm, number of solder pins per potential: 1, plug-in system: COMBICON MC
1,5, Pin connector pattern alignment: Standard, locking: without, mounting: without, type of
packaging: packed in cardboard, The pin length is 1.4 mm. User information and design
recommendations on Through Hole Reflow Technology can be found at: Downloads".
Your advantages
Designed for integration into the SMT soldering process
•
Vertical connection enables multi-row arrangement on the PCB
•
Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
•
Commercial data
Item number
1750122
Packing unit
70 pc
Minimum order quantity
70 pc
Note
Made to order (non-returnable)
Product key
AABTHD
Catalog page
Page 220 (C-1-2013)
GTIN
4046356314558
Weight per piece (including packing)
3.8 g
Weight per piece (excluding packing)
3.573 g
Country of origin
DE
MCDNV 1,5/ 4-G1-3,81 P14THR - PCB header
1750122
https://www.phoenixcontact.com/us/products/1750122
Jul 3, 2024, 5:11 AM
Page 1 (11)


Similar Part No. - 1750122

ManufacturerPart #DatasheetDescription
logo
Aven, Inc.
17501 AVEN-17501 Datasheet
668Kb / 1P
Soldering/Desoldering Kit - 6pc
logo
Theben AG
1750100 THEBEN-1750100 Datasheet
543Kb / 3P
Time and light control Digital time switches
07/04/2025
logo
PHOENIX CONTACT
1750106 PHOENIX-1750106 Datasheet
487Kb / 12P
MCDNV 1,5/ 2-G1-3,81 P14THR - PCB header
logo
List of Unclassifed Man...
1750110B1 ETC2-1750110B1 Datasheet
67Kb / 2P
CORDSET - NORTH AMERICAN DETACHABLE POWER SUPPLY CORD
logo
PHOENIX CONTACT
1750119 PHOENIX-1750119 Datasheet
472Kb / 11P
MCDNV 1,5/ 3-G1-3,81 P14THR - PCB header
More results

Similar Description - 1750122

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1749340 PHOENIX-1749340 Datasheet
137Kb / 7P
Feed-through header - MCDN 1,5/ 3-G1-3,81 P14THR
1750164 PHOENIX-1750164 Datasheet
137Kb / 7P
Feed-through header - MCDNV 1,5/ 8-G1-3,81 P14THR
09/12/2020
1952791 PHOENIX-1952791 Datasheet
566Kb / 12P
PCB header - MCDNV 1,5/ 3-G1-3,5 P26THR
Jan 3, 2023
1952814 PHOENIX-1952814 Datasheet
566Kb / 12P
PCB header - MCDNV 1,5/ 5-G1-3,5 P26THR
Jan 4, 2023
1954074 PHOENIX-1954074 Datasheet
504Kb / 12P
MCDN 1,5/16-G1-3,5 P14THR - PCB header
1953127 PHOENIX-1953127 Datasheet
564Kb / 12P
MCDNV 1,5/13-G1-3,5 P14THR - PCB header
1953978 PHOENIX-1953978 Datasheet
492Kb / 12P
MCDN 1,5/ 8-G1-3,5 P14THR - PCB header
1952458 PHOENIX-1952458 Datasheet
479Kb / 11P
MCDNV 1,5/ 2-G1-3,5 RNP26THR - PCB header
1952827 PHOENIX-1952827 Datasheet
553Kb / 12P
MCDNV 1,5/ 6-G1-3,5 P26THR - PCB header
1952720 PHOENIX-1952720 Datasheet
468Kb / 11P
MCDNV 1,5/15-G1-3,5 RNP26THR - PCB header
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com