Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF607 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # MRF607
Description  RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MRF607 Datasheet(HTML) 2 Page - Advanced Power Technology

  MRF607 Datasheet HTML 1Page - Advanced Power Technology MRF607 Datasheet HTML 2Page - Advanced Power Technology MRF607 Datasheet HTML 3Page - Advanced Power Technology MRF607 Datasheet HTML 4Page - Advanced Power Technology MRF607 Datasheet HTML 5Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MRF607
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
ELECTRICAL SPECIFICATIONS (Tcase = 25°C)
STATIC
(off)
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
BVCES
Collector-Emitter Breakdown Voltage
(IC = 25 mAdc, VBE = 0 Vdc)
36
-
-
Vdc
BVCEO
Collector-Emitter Sustaining Voltage
(IC=25 mAdc, IB=0)
16
-
-
Vdc
BVEBO
Emitter-Base Breakdown Voltage
(IE = .5 mA, IC = 0)
4.0
-
-
Vdc
ICEO
Collector Cutoff Current
(VCE = 10 Vdc, IB = 0)
-
-
.3
mA
(on)
HFE
DC Current Gain
(IC = 50 mAdc, VCE = 5.0 Vdc)
20
-
150
-
DYNAMIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
COB
Output Capacitance
(VCB = 12 Vdc, IE = 0, f = 1.0 MHz)
-
-
15
pF
FUNCTIONAL
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
GPE
Power Gain
Test Circuit-Figure 1
Pout = 1.75W, VCE =
12.5Vdc
f = 175 MHz
11.5
-
-
dB
ηC
Collector Efficiency
Test Circuit-Figure 1
Pout = 1.75W, VCE =
12.5Vdc
f = 175 MHz
50
-
-
%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com