Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABB0205SC Datasheet(PDF) 2 Page - Abracon Corporation

Part # ABB0205SC
Description  Low Skew Output Buffer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABB0205SC Datasheet(HTML) 2 Page - Abracon Corporation

  ABB0205SC Datasheet HTML 1Page - Abracon Corporation ABB0205SC Datasheet HTML 2Page - Abracon Corporation ABB0205SC Datasheet HTML 3Page - Abracon Corporation ABB0205SC Datasheet HTML 4Page - Abracon Corporation ABB0205SC Datasheet HTML 5Page - Abracon Corporation ABB0205SC Datasheet HTML 6Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ABB0205
Low Skew Output Buffer
30332 Esperanza., Rancho Santa Margarita, Ca 92688 Ph: 949-546-8000 Fax: 949-546-8001 www.Abracon.com 03/21/05 Page 2
PIN DESCRIPTIONS
Name
Number
Type
Description
REF1
1
I
Input reference frequency. Spread spectrum modulation on this signal will be
passed to the output (up to 100kHz SST modulation).
CLK22
2
O
Buffered clock output.
CLK12
3
O
Buffered clock output.
GND
4
P
Ground.
CLK32
5
O
Buffered clock output.
VDD
6
P
3.3V Power Supply.
CLK42
7
O
Buffered clock output.
CLKOUT2
8
O
Buffered clock output. Internal feed back on this pin.
Notes: 1: Weak pull-down. 2: Weak pull-down on all outputs.
ELECTRICAL SPECIFICATIONS
1. Absolute Maximum Ratings
PARAMETERS
SYMBOL
MIN.
MAX.
UNITS
Supply Voltage
VDD
4.6
V
Input Voltage, dc
VI
-0.5
VDD+0.5
V
Output Voltage, dc
VO
-0.5
VDD+0.5
V
Storage Temperature
TS
-65
150
°C
Ambient Operating Temperature*
TA
-40
85
°C
Junction Temperature
TJ
125
°C
Lead Temperature (soldering, 10s)
260
°C
ESD Protection, Human Body Model
2
kV
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the
device and affect product reliability. These conditions represent a stress rating only, and functional operations of the device at these or any other con-
ditions above the operational limits noted in this specification is not implied.
* Note: Operating Temperature is guaranteed by design for all parts (COMMERCIAL and INDUSTRIAL), but tested for COMMERCIAL grade only.
2. Electrical Characteristics
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Supply Voltage
VDD
2.97
3.63
V
Input Low Voltage
VIL
0.8
V
Input High Voltage
VIH
2.0
V
Input Low Current
IIL
VIN = 0V
19
50.0
µA
Input High Current
IIH
VIN = VDD
0.10
100.0
µA
Output Low Voltage
VOL
IOL = 50mA
0.25
0.4
V
Output High Voltage
VOH
IOH = 50mA
2.4
2.9
V
Power Down Supply Current
IDD
REF = 0MHz
0.3
50.0
µA
Supply Current
IDD
Unloaded outputs at 133MHz,
SEL inputs at VDD or GND
35
45
mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com