Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM855 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MSM855
Description  Pentium-M CPU 0.6/1.0/1.4/1.8GHz - MSM855(B, B2)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MSM855 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MSM855 Datasheet HTML 1Page - List of Unclassifed Manufacturers MSM855 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Advanced Digital Logic, Inc.; 4411 Morena Blvd., Suite 101; San Diego, CA 92117-4328
Ph. 858 490-0597 F. 858 490-0599; e-mail: sales@adlogic-pc104.com; web: www.adlogic-pc104.com
MICROSPACE PC/104
Data subject to change without notice
Pentium-M CPU 0.6/1.0/1.4/1.8GHz - MSM855(B, B2)
Feature
• Intel Pentium-M
• 0.6/1.0/1.4/1.8GHz
• Power Management
• 266-1024MB DDR-RAM
• Direct-X compatible Video Controller
• CRT/LCD on-board
• 100/10Base-T LAN-Ethernet (incl. transformer for B versions)
• 5x USB 2.0 Port
• E-IDE Hard Disk Interface
• COM1, COM2, LPT1
• RTC and Watchdog Timer
• EEPROM Stup Save
• Single 5VDC Power Supply
• PC/104+BUS option
• PC/104 (ISA) BUS
Description
The MSM855 is a member of the very successful
PC/104+ family from Digital-Logic AG. This product in
conjunction with the SM855 is a very fast, high perform-
ance computer and @ 1.4GHz (SM855-P738) it is
about equivalent to a 2.8GHz Pentium 4 performance
level in a very small form factor. The memory can be
expanded up to 1024MB with a DDR-SODIMM module.
The integrated video controller can control two inde-
pendent displays (CRT or LVDS/DVI). This product
includes 5USB (V2.0) interfaces allowing for fast con-
nectivity options. For multimedia applications, the 5.1
sound provides 6 output channels and 2 input chan-
nels. The ISA Bus is generated from a PCI-ISA-bridge
(B version only), or an LPC Bridge Chip to provide an
expansion bus for PC/104 (ISA) interface Cards. Over
the PC/104+ (PCI) connector, up to 4 cards can be
connected (3 for B). The CPU has very low typical
Power consumption and uses speedstep to keep the
current consumption down (Pentium M only). The BIOS
allows to boot the operating system from all possible
medias. The graphic controller is compatible up to Di-
rect-X9.0.
Ordering Information
Item Codes
Part#
Description
MSM855
803010
Baseboard only
MSM855B
803060
Baseboard (incl. LAN transformer)
MSM855B2
803062
Baseboard (incl. 2nd LAN and transformer)
Choose one of the SM855-(X)
SM855-C300
805166
Celeron-M 600MHz, 512k L2 cache
SM855-C140
805192
Celeron-M 1.0GHz, 0k L2 cache
SM855-C373
805163
Celeron-M 1.0GHz, 512k L2 cache
SM855-P738
805164
Pentium-M 738, 1.4GHz, 2048k L2 cache
SM855-P745
805168
Pentium-M 745, 1.8GHz, 2048k L2 cache
Options
-CF
807008
Compact Flash Socket
-L+
807006
PC/104-plus Connector Long
MSM855-LANCON
803020
Cable & Connector Board
MSM855B-LANCON
803021
Cable & Connector Board (for B version)
MSM855-CKCON
803030
Cable Kit w/Connector Board
MSM855B-CKCON
803034
Cable Kit w/Connector Board (for B version)
Memory Options
DDR-DRAM256-3
994825
256MB 333 MHz DDR
DDR-DRAM512-3
994925
512MB 333 MHz DDR
DDR-DRAM1024-3
994025
1024MB 333 MHz DDR
*More options may be available, please contact our Sales office *
**Limited availability
Extended Temp. DRAM available.


Similar Part No. - MSM855

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
MSM855 ADL-MSM855 Datasheet
243Kb / 2P
Intel짰 Pentium짰 M CPU 0.6 / 1.0 / 1.4 / 1.8GHz
MSM855B ADL-MSM855B Datasheet
243Kb / 2P
Intel짰 Pentium짰 M CPU 0.6 / 1.0 / 1.4 / 1.8GHz
MSM855B2 ADL-MSM855B2 Datasheet
243Kb / 2P
Intel짰 Pentium짰 M CPU 0.6 / 1.0 / 1.4 / 1.8GHz
More results

Similar Description - MSM855

ManufacturerPart #DatasheetDescription
logo
Protech Systems Co., Lt...
PSB-501LF PROTECHSYSTEMS-PSB-501LF Datasheet
366Kb / 2P
Socket 478 Pentium M CPU Card
PSB-502LF PROTECHSYSTEMS-PSB-502LF Datasheet
351Kb / 2P
Socket 478 Pentium M CPU Card
PSB-511LF PROTECHSYSTEMS-PSB-511LF Datasheet
488Kb / 2P
Socket 478 Pentium M CPU Card
logo
ADL Embedded Solutions
ADL855PC ADL-ADL855PC Datasheet
421Kb / 2P
CPU 0.6GHz - 1.8GHz
MSM855 ADL-MSM855 Datasheet
243Kb / 2P
Intel짰 Pentium짰 M CPU 0.6 / 1.0 / 1.4 / 1.8GHz
MSMT3XEG ADL-MSMT3XEG Datasheet
219Kb / 2P
Pentium CPU 400 / 650MHz
ADL855HD ADL-ADL855HD Datasheet
215Kb / 2P
Intel Pentium M / Celeron M 1.0GHz - 1.8GHz
logo
Advantech Co., Ltd.
PCM-3380 ADVANTECH-PCM-3380 Datasheet
1Mb / 3P
Intel Pentium M PCI-104 CPU Module
09-Nov-2009
logo
ADL Embedded Solutions
ADL855PC ADL-ADL855PC_17 Datasheet
456Kb / 2P
ADL855PC - Pentium짰 M / Celeron짰 M CPU 1.0GHz - 1.8GHz
ADL855HD ADL-ADL855HD_15 Datasheet
480Kb / 2P
Intel Pentium M / Celeron M 1.0GHz - 1.8GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com