Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABC2 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ABC2
Description  LOW FREQUENCY CERAMIC SURFACE MOUNT MICROPROCESSOR CRYSTAL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABC2 Datasheet(HTML) 1 Page - Abracon Corporation

  ABC2 Datasheet HTML 1Page - Abracon Corporation ABC2 Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
|||||||||||||||
ABC2
LOW FREQUENCY CERAMIC SURFACE MOUNT
MICROPROCESSOR CRYSTAL
STANDARD SPECIFICATIONS:
11.5 x 5.5 x 2.0 mm
APPLICATIONS:
• Wide range in communication & measuring equipment
• Commercial & Industrial applications
• Automotive electronics applications
• Ceramic package offers excellent environmental & heat resistance
• Extended temperature -40°C to +85°C for industrial applications
FEATURES:
• Low frequency in small size SMD
• 2.0mm height ideal for high density circuit boards
Operation Mode
Operating Temperature
Storage Temperature
Frequency Tolerance at +25°C
Frequency Tolerance over the
Operating Temp. (-10°C to + 60°C)
Frequency Stability over the
Operating Temp. (Ref to +25° C)
Equivalent Series Resistance
Shunt Capacitance C0
Load Capacitance CL
Drive Level
Aging (first year) 25°C ± 3°C
Insulation Resistance
PARAMETERS
Frequency Range
3.500 MHz to 30.000 MHz
ABRACON P/N
ABC2
Fundamental, AT
below 6.0MHz: ±50ppm
above 6.0MHz: ±30ppm
-10°C to + 60°C (see options)
-55°C to +125°C
±30ppm
± 50ppm max. (see options)
See Table 1
7pF max
18pF (see options)
100 W max.
± 5 ppm max.
500 M
min. at 100 Vdc ±15V
REVISED: 4.05.07
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
TABLE 1
ESR
200
max
150
max
100
max
80
max
50
max
3.500 - 3.999
±80ppm max
±100ppm max
±60ppm max
Temp-D
Frequency (MHz)
4.000 - 5.999
6.000 - 9.999
10.00 - 13.99
14.00 -30.00
±150ppm max
±60ppm max
OPTIONS AND PART IDENTIFICATION:
(Left blank if standard)
10
10pF
B
-20°C to +70°C
12
12pF
D
-40°C to +85°C
16
16pF
18
18pF
20
20pF
22
22pF
W
± 25 ppm
Y
± 30 ppm (*)
Z
± 50 ppm (**)
Q
± 100 ppm
(*) Standard for above 6.0MHz
(**) Standard for below 6.0MHz
Freq. Stability
ABC2 - Frequency -
-R
-
-
-
Operating Temp.
Packaging
Load Capacitance
ESR
Please specify ESR in
ohms. (RXXX)
T
Tape and
Reel


Similar Part No. - ABC2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ABC20 ETC2-ABC20 Datasheet
233Kb / 6P
R챕f. AA15, AAC16, AAC20, AB15, ABC16, ABC20, ABD16, ABD20, AEB16, AEB20
ABC20 ETC2-ABC20 Datasheet
233Kb / 6P
Positive resin, blue coloured bleue, without marbling
logo
Bel Fuse Inc.
ABC200 BEL-ABC200 Datasheet
1Mb / 11P
Active Power Factor Correction
logo
Power-One
ABC200-1012G POWER-ONE-ABC200-1012G Datasheet
733Kb / 12P
High efficiency over 91% at 230
logo
Bel Fuse Inc.
ABC200-1012G BEL-ABC200-1012G Datasheet
1Mb / 11P
Active Power Factor Correction
More results

Similar Description - ABC2

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
H180A-3.8912-20 RALTRON-H180A-3.8912-20 Datasheet
68Kb / 1P
SURFACE MOUNT MICROPROCESSOR CRYSTAL
H13A RALTRON-H13A Datasheet
63Kb / 1P
SURFACE MOUNT MICROPROCESSOR CRYSTAL
logo
Abracon Corporation
ABMM ABRACON-ABMM Datasheet
187Kb / 2P
CERAMIC SURFACE MOUNT MICROPROCESSOR CRYSTAL
05.24.07
ABMM3 ABRACON-ABMM3 Datasheet
196Kb / 2P
CERAMIC SURFACE MOUNT LOW PROFILE MICROPROCESSOR CRYSTAL
07.10.07
ABMM1 ABRACON-ABMM1 Datasheet
353Kb / 2P
CERAMIC SURFACE MOUNT LOW PROFILE MICROPROCESSOR CRYSTAL
07.10.07
ABMM1 ABRACON-ABMM1_08 Datasheet
638Kb / 2P
CERAMIC SURFACE MOUNT LOW PROFILE MICROPROCESSOR CRYSTAL
09.19.08
ABMM ABRACON-ABMM_07 Datasheet
379Kb / 2P
CERAMIC SURFACE MOUNT MICROPROCESSOR CRYSTAL
12.17.07
ABMM1 ABRACON-ABMM1_10 Datasheet
700Kb / 2P
CERAMIC SURFACE MOUNT LOW PROFILE MICROPROCESSOR CRYSTAL
07.08.10
logo
List of Unclassifed Man...
H10S-18.432-18-F-3030-EXT ETC2-H10S-18.432-18-F-3030-EXT Datasheet
58Kb / 1P
SURFACE MOUNT MICROPROCESSOR CRYSTAL
logo
Abracon Corporation
ABMM5 ABRACON-ABMM5 Datasheet
213Kb / 2P
CERAMIC SURFACE MOUNT LOW PROFILE MICROPROCESSOR CRYSTAL
10.18.07
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com