Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXP-033SD Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MXP-033SD
Description  1.25G SFP Transceiver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MXP-033SD Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MXP-033SD Datasheet HTML 1Page - List of Unclassifed Manufacturers MXP-033SD Datasheet HTML 2Page - List of Unclassifed Manufacturers MXP-033SD Datasheet HTML 3Page - List of Unclassifed Manufacturers MXP-033SD Datasheet HTML 4Page - List of Unclassifed Manufacturers MXP-033SD Datasheet HTML 5Page - List of Unclassifed Manufacturers MXP-033SD Datasheet HTML 6Page - List of Unclassifed Manufacturers MXP-033SD Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Features:
Operating bit rate
1.25Gb/s
Operating at
1280-1330nm wavelength
Single +3.3V power
supply
Differential LVPECL
inputs and outputs
TTL signal detect
indicator
Industry standard
small form pluggable
(SFP) package
Hot-pluggable
capability
Duplex LC connector
Metal enclosure, for
lower EMI
Very low jitter
Low power
dissipation
Link length up to
20km in 9/125 SMF
1
1..2
25
5G
G S
SF
FP
P T
Tr
ra
an
nssc
ce
eiiv
ve
er
r
M
MX
XP
P--2
24
43
3S
S
Applications:
1.25Gb/s 1000Base-LX Ethernet
1.0625Gb/s Fiber Channel
Description
MXP-243S SFP transceiver is an excellent product , which is a series of
high performance optical modules suitable for the Fiber optic communication
and Ethernet accessing for signal that rates up to 1.25Gb/s.
The transmitter section of MXP-243S SFP incorporates 1310nm FP laser as
the optical source. And the receiver section consists of a PIN photodiode mounted
together with a trans-impedance preamplifier (TIA).
Because of its hot-pluggable capability , MXP-243S SFP transceiver can
be installed in or removed from any MSA compliant pluggable small form
factor port regardless of whether the host equipment is operating or not.
Furthermore , MXP-243S SFP transceiver features an E/EPROM that
contains the detailed product’s information stored for retrieval by host
equipment. For further information, please refer to SFP Multi-Source
Agreement (MSA).
The transceiver operates at up to1.25G data-rate from a single +3.3 V
power supply only. And it uses TTL signal as detect indicator.
Specification:
Operating Information
Part Number
Input/Output
Signal Detect
Voltage
Temperature
MXP-243S
AC/AC
TTL
+3.3V
0℃ to70℃
1of7


Similar Part No. - MXP-033SD

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MXP1001-PS MICROSEMI-MXP1001-PS Datasheet
39Kb / 1P
Position Sensing Photo Detectors
MXP1001-Q MICROSEMI-MXP1001-Q Datasheet
39Kb / 1P
Position Sensing Photo Detectors
MXP1002PC-IR MICROSEMI-MXP1002PC-IR Datasheet
43Kb / 1P
IR Enhanced Photo Detectors
MXP1002PV-IR MICROSEMI-MXP1002PV-IR Datasheet
43Kb / 1P
IR Enhanced Photo Detectors
MXP1004-PS MICROSEMI-MXP1004-PS Datasheet
39Kb / 1P
Position Sensing Photo Detectors
More results

Similar Description - MXP-033SD

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-5112C-SL30G SOURCE-FTM-5112C-SL30G Datasheet
275Kb / 10P
1.25G Spring-Latch SFP Transceiver
FTM-5112C-SL80G SOURCE-FTM-5112C-SL80G Datasheet
239Kb / 10P
1.25G Spring-Latch SFP Transceiver
FTM-5112C-SL80IG SOURCE-FTM-5112C-SL80IG Datasheet
239Kb / 10P
1.25G Spring-Latch SFP Transceiver
FTM-5112C-SL120G SOURCE-FTM-5112C-SL120G Datasheet
239Kb / 10P
1.25G Spring-Latch SFP Transceiver
FTM-5112C-SL50G SOURCE-FTM-5112C-SL50G Datasheet
255Kb / 10P
1.25G Spring-Latch SFP Transceiver
FTM-3012C-SLG SOURCE-FTM-3012C-SLG Datasheet
259Kb / 10P
1.25G Spring-Latch SFP Transceiver
FTM-5012C-SL80G SOURCE-FTM-5012C-SL80G Datasheet
256Kb / 9P
1.25G Spring-Latch SFP Transceiver
logo
Level One
SFP-4310 LVL1-SFP-4310 Datasheet
104Kb / 1P
1.25G BIDI SMF SFP Transceiver
SFP-4320 LVL1-SFP-4320 Datasheet
104Kb / 1P
1.25G BIDI SMF SFP Transceiver
SFP-4330 LVL1-SFP-4330 Datasheet
104Kb / 1P
1.25G BIDI SMF SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com