Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NIF9N05CL Datasheet(PDF) 1 Page - ON Semiconductor

Part # NIF9N05CL
Description  Protected Power MOSFET 2.6 A, 52 V, N−Channel, Logic Level, Clamped MOSFET w/ ESD Protection in a SOT−223 Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NIF9N05CL Datasheet(HTML) 1 Page - ON Semiconductor

  NIF9N05CL Datasheet HTML 1Page - ON Semiconductor NIF9N05CL Datasheet HTML 2Page - ON Semiconductor NIF9N05CL Datasheet HTML 3Page - ON Semiconductor NIF9N05CL Datasheet HTML 4Page - ON Semiconductor NIF9N05CL Datasheet HTML 5Page - ON Semiconductor NIF9N05CL Datasheet HTML 6Page - ON Semiconductor NIF9N05CL Datasheet HTML 7Page - ON Semiconductor NIF9N05CL Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2011
November, 2011 − Rev. 6
1
Publication Order Number:
NIF9N05CL/D
NIF9N05CL, NIF9N05ACL
Protected Power MOSFET
2.6 A, 52 V, N−Channel, Logic Level,
Clamped MOSFET w/ ESD Protection
in a SOT−223 Package
Benefits
• High Energy Capability for Inductive Loads
• Low Switching Noise Generation
Features
• Diode Clamp Between Gate and Source
• ESD Protection − HBM 5000 V
• Active Over−Voltage Gate to Drain Clamp
• Scalable to Lower or Higher RDS(on)
• Internal Series Gate Resistance
• Pb−Free Packages are Available
Applications
• Automotive and Industrial Markets:
Solenoid Drivers, Lamp Drivers, Small Motor Drivers
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain−to−Source Voltage Internally Clamped
VDSS
52−59
V
Gate−to−Source Voltage − Continuous
VGS
±15
V
Drain Current
− Continuous @ TA = 25°C
− Single Pulse (tp = 10 ms) (Note 1)
ID
IDM
2.6
10
A
Total Power Dissipation @ TA = 25°C (Note 1)
PD
1.69
W
Operating and Storage Temperature Range
TJ, Tstg −55 to 150
°C
Single Pulse Drain−to−Source
Avalanche Energy (VDD = 50 V, ID(pk) = 1.17
A, VGS = 10 V, L = 160 mH, RG = 25 W)
EAS
110
mJ
Thermal Resistance,
Junction−to−Ambient (Note 1)
Junction−to−Ambient (Note 2)
RqJA
RqJA
74
169
°C/W
Maximum Lead Temperature for Soldering
Purposes, 1/8″ from Case for 10 Seconds
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. When surface mounted to a FR4 board using 1″ pad size, (Cu area 1.127 in2).
2. When surface mounted to a FR4 board using minimum recommended pad
size, (Cu area 0.412 in2).
MPWR
Gate
(Pin 1)
RG
Overvoltage
Protection
ESD Protection
http://onsemi.com
SOT−223
CASE 318E
STYLE 3
DRAIN
GATE
DRAIN
SOURCE
(Top View)
MARKING DIAGRAM
A
= Assembly Location
Y
= Year
W
= Work Week
xxxxx = F9N05 or 9N05A
G
= Pb−Free Package
1
2
3
4
VDSS
(Clamped)
RDS(ON) TYP
ID MAX
52 V
107 mW
2.6 A
Source
(Pin 3)
Drain
(Pins 2, 4)
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
(Note: Microdot may be in either location)


Similar Part No. - NIF9N05CL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NIF9N05CL ONSEMI-NIF9N05CL Datasheet
66Kb / 6P
PROTECTED POWER MOSFET
July, 2004 ??Rev. 3
NIF9N05CL ONSEMI-NIF9N05CL Datasheet
72Kb / 6P
Protected Power MOSFET
May, 2006 ??Rev. 5
NIF9N05CLT1 ONSEMI-NIF9N05CLT1 Datasheet
66Kb / 6P
PROTECTED POWER MOSFET
July, 2004 ??Rev. 3
NIF9N05CLT1 ONSEMI-NIF9N05CLT1 Datasheet
72Kb / 6P
Protected Power MOSFET
May, 2006 ??Rev. 5
NIF9N05CLT1G ONSEMI-NIF9N05CLT1G Datasheet
72Kb / 6P
Protected Power MOSFET
May, 2006 ??Rev. 5
More results

Similar Description - NIF9N05CL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTF3055L108 ONSEMI-NTF3055L108 Datasheet
80Kb / 6P
Power MOSFET 3.0 A, 60 V, Logic Level, N?묬hannel SOT??23
December, 2005 ??Rev. 4
NCV8440 ONSEMI-NCV8440 Datasheet
154Kb / 8P
Protected Power MOSFET 2.6 A, 52 V, N?묬hannel, Logic Level, Clamped MOSFET w/ ESD Protection
December, 2009 ??Rev. 5
logo
NXP Semiconductors
PSMN2R5-60PL NXP-PSMN2R5-60PL Datasheet
261Kb / 13P
N-channel 60 V, 2.6 m廓 logic level MOSFET in SOT78
7 February 2013
logo
ON Semiconductor
NVF3055L108T1G ONSEMI-NVF3055L108T1G Datasheet
117Kb / 6P
Power MOSFET 3.0 A, 60 V, Logic Level, N?묬hannel SOT??23
October, 2011 ??Rev. 6
NCV8440ASTT1G ONSEMI-NCV8440ASTT1G Datasheet
126Kb / 9P
Protected Power MOSFET 2.6 A, 52 V, N?묬hannel, Logic Level, Clamped MOSFET w/ ESD Protection
November, 2011 ??Rev. 6
NID9N05ACLT4G ONSEMI-NID9N05ACLT4G Datasheet
123Kb / 7P
9.0 A, 52 V, N?묬hannel, Logic Level, Clamped MOSFET w/ESD Protection in a DPAK Package
December, 2013 ??Rev. 10
logo
NXP Semiconductors
PSMN2R5-60PL PHILIPS-PSMN2R5-60PL_15 Datasheet
261Kb / 13P
N-channel 60 V, 2.6 m廓 logic level MOSFET in SOT78
27 February 2013
logo
STMicroelectronics
STN1NK60ZL STMICROELECTRONICS-STN1NK60ZL Datasheet
707Kb / 12P
N-channel 600 V, 10.4 typ., 0.44 A SuperMESH™ Power MOSFET in a SOT-223 package
December 2016 Rev 2
logo
ON Semiconductor
NTF6P02 ONSEMI-NTF6P02_V01 Datasheet
212Kb / 8P
MOSFET – Power, P-Channel, SOT-223 -10 A, -20 V
May, 2019 - Rev. 7
logo
Nexperia B.V. All right...
PSMN2R5-60PL NEXPERIA-PSMN2R5-60PL Datasheet
731Kb / 13P
N-channel 60 V, 2.6 mΩ logic level MOSFET in SOT78
27 February 2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com