Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF4427R2 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # MRF4427R2
Description  RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MRF4427R2 Datasheet(HTML) 2 Page - Advanced Power Technology

  MRF4427R2 Datasheet HTML 1Page - Advanced Power Technology MRF4427R2 Datasheet HTML 2Page - Advanced Power Technology MRF4427R2 Datasheet HTML 3Page - Advanced Power Technology MRF4427R2 Datasheet HTML 4Page - Advanced Power Technology MRF4427R2 Datasheet HTML 5Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MRF4427.PDF 4-24-03
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
MRF4427, R1, R2
ELECTRICAL SPECIFICATIONS (Tcase = 25
°C)
STATIC
(off)
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
BVCEO
Collector-Emitter Breakdown Voltage
(IC = 5.0 mAdc, IB = 0)
20
-
-
Vdc
BVCBO
Collector-Base Breakdown Voltage
(IC = 0.1 mAdc, IE = 0)
40
-
-
Vdc
BVEBO
Emitter-Base Breakdown Voltage
(IE = 0.1 mAdc, IC = 0)
2.0
-
-
Vdc
ICEO
Collector Cutoff Current
(VCE = 20 Vdc, VBE = 0 Vdc)
-
-
.02
mA
(on)
HFE
DC Current Gain
(IC = 100 mAdc, VCE = 5 Vdc)
(IC = 360 mAdc, VCE = 5 Vdc)
10
5.0
-
-
200
-
VCE(sat)
Collector-Emitter Saturation Voltage
(IC = 100 mAdc, IB = 20 mA)
60
-
mVdc
DYNAMIC
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
Ftau
Current-Gain Bandwidth Product
(IC = 50 mAdc, VCE = 12 Vdc, f = 200 MHz)
-
1.3
-
GHz
Cob
Output Capacitance
(VCB = 12 Vdc, IE = 0, f = 1.0 MHz)
-
-
3.4
GHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com