Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2B Datasheet(PDF) 2 Page - ON Semiconductor

Part # S2B
Description  General-Purpose Rectifiers (Glass Passivated)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

S2B Datasheet(HTML) 2 Page - ON Semiconductor

  S2B Datasheet HTML 1Page - ON Semiconductor S2B Datasheet HTML 2Page - ON Semiconductor S2B Datasheet HTML 3Page - ON Semiconductor S2B Datasheet HTML 4Page - ON Semiconductor S2B Datasheet HTML 5Page - ON Semiconductor S2B Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DATA SHEET
www.onsemi.com
© Semiconductor Components Industries, LLC, 2001
June, 2024 − Rev. 3
1
Publication Order Number:
S2M/D
General-Purpose Rectifiers
(Glass Passivated)
S2A-S2M
Description
The S2 family of devices are general−purpose 2 A rated rectifiers
with voltage ratings ranging from 50 to 1000 V. They are implemented
in traditional SMB packages and are well known to the industry. For
advanced or special requirements, please contact an onsemi
representative.
Features
• High−Current Capability, 2 A Rated
• Fast Response: 2 ms Trr
• Low−Forward Voltage Drop, 1.15 V VF Max at 2 A
• High−Surge Current Capability, 50 A2s IFSM
• Glass Passivated Junction
• UL Certified, UL #E258596
• NRV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
• These Devices are Pb−Free and are RoHS Compliant
Applications
• Power Supplies
• AC to DC Rectification
• Bypass Diodes
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Symbol
Parameter
Value
Unit
S2A
S2B
S2D
S2G
S2J
S2K
S2M
VRRM
Maximum
Repetitive
Reverse Voltage
50
100
200
400
600
800
1000
V
IF(AV)
Average Rectified
Forward Current
at TA = 100°C
2.0
A
IFSM
Non−Repetitive
Peak Forward
Surge Current
8.3 ms Single
Half−Sine Wave
50
A
TSTG
Storage
Temperature
Range
−65 to +150
°C
TJ
Operating
Junction
Temperature
Range
−65 to +150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
SMB
CASE 403AF
See detailed ordering and shipping information on page 2 of
this data sheet.
ORDERING INFORMATION
MARKING DIAGRAM
$Y&Z&3
S2X
$Y
= onsemi Logo
&Z
= Assembly Plant Code
&3
= Numeric Date Code
S2X
= Specific Device Code
X = A−M
NOTE: Some of the devices on this data sheet have been
DISCONTINUED. Please refer to the table on page 2.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com