Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMQ60R044RF Datasheet(PDF) 1 Page - MagnaChip Semiconductor.

Part # MMQ60R044RF
Description  600V 0.044Ω N-channel MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MMQ60R044RF Datasheet(HTML) 1 Page - MagnaChip Semiconductor.

  MMQ60R044RF Datasheet HTML 1Page - MagnaChip Semiconductor. MMQ60R044RF Datasheet HTML 2Page - MagnaChip Semiconductor. MMQ60R044RF Datasheet HTML 3Page - MagnaChip Semiconductor. MMQ60R044RF Datasheet HTML 4Page - MagnaChip Semiconductor. MMQ60R044RF Datasheet HTML 5Page - MagnaChip Semiconductor. MMQ60R044RF Datasheet HTML 6Page - MagnaChip Semiconductor. MMQ60R044RF Datasheet HTML 7Page - MagnaChip Semiconductor. MMQ60R044RF Datasheet HTML 8Page - MagnaChip Semiconductor. MMQ60R044RF Datasheet HTML 9Page - MagnaChip Semiconductor. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MMQ60R044RF Datasheet
*
Magnachip Semiconductor Ltd.
Dec./2022/Revision/1.0
1
Parameter
Value
Unit
VDS @ Tj,max
650
V
RDS(on),max
0.044
Ω
VTH,typ
4
V
ID
60
A
Qg,typ
160
nC
Order Code
Marking
Temp.
Range
Package
Packing
RoHS Status
MMQ60R044RFTH
60R044RF
-55 ~ 150oC
TO-247
Tube
Halogen Free
Applications
Soft-switching Applications
Server Power Supply
Telecom
EV charging
MMQ60R044RF
600V 0.044Ω N-channel MOSFET
Description
MMQ60R044RF is power MOSFET using Magnachip’s advanced super junction technology that
can realize very low on-resistance and gate charge. It has low gate charge and ultra-fast body diode,
so turn off action is improved. MMQ60R044RF provides excellent performances, such as efficiency
and EMI, in soft switching applications.
Features
Ultra-fast Body Diode
Low Power Loss by High Speed Switching and Low On-Resistance
100% Avalanche Tested
Green Package – Pb Free Plating, Halogen Free
Key Parameters
Ordering Information
Package & Internal Circuit
G D
S
Downloaded From Oneyac.com


Similar Part No. - MMQ60R044RF

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MMQ60R070P MGCHIP-MMQ60R070P Datasheet
1Mb / 10P
600V 0.07(ohm) N-channel MOSFET
MMQ60R070PTH MGCHIP-MMQ60R070PTH Datasheet
1Mb / 10P
600V 0.07(ohm) N-channel MOSFET
logo
Inchange Semiconductor ...
MMQ60R070PTH ISC-MMQ60R070PTH Datasheet
373Kb / 2P
isc N-Channel MOSFET Transistor
logo
MagnaChip Semiconductor...
MMQ60R078RF MGCHIP-MMQ60R078RF Datasheet
746Kb / 10P
600V 0.078Ω N-channel MOSFET
Aug.2024 Revision 1.2
MMQ60R078RFTH MGCHIP-MMQ60R078RFTH Datasheet
746Kb / 10P
600V 0.078Ω N-channel MOSFET
Aug.2024 Revision 1.2
More results

Similar Description - MMQ60R044RF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQAF12N60 FAIRCHILD-FQAF12N60 Datasheet
539Kb / 8P
600V N-Channel MOSFET
FQB12N60 FAIRCHILD-FQB12N60 Datasheet
540Kb / 9P
600V N-Channel MOSFET
FQB1N60 FAIRCHILD-FQB1N60 Datasheet
545Kb / 9P
600V N-Channel MOSFET
FQD3N60 FAIRCHILD-FQD3N60 Datasheet
575Kb / 9P
600V N-Channel MOSFET
FQP12N60 FAIRCHILD-FQP12N60 Datasheet
532Kb / 8P
600V N-Channel MOSFET
FQP6N60 FAIRCHILD-FQP6N60 Datasheet
536Kb / 8P
600V N-Channel MOSFET
FQP7N60 FAIRCHILD-FQP7N60 Datasheet
581Kb / 8P
600V N-Channel MOSFET
FQPF12N60 FAIRCHILD-FQPF12N60 Datasheet
549Kb / 8P
600V N-Channel MOSFET
FQPF3N60 FAIRCHILD-FQPF3N60 Datasheet
557Kb / 8P
600V N-Channel MOSFET
FCA16N60 FAIRCHILD-FCA16N60_06 Datasheet
962Kb / 9P
600V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com