Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXP-123MD Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MXP-123MD
Description  1.25G SFP Transceiver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MXP-123MD Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MXP-123MD Datasheet HTML 1Page - List of Unclassifed Manufacturers MXP-123MD Datasheet HTML 2Page - List of Unclassifed Manufacturers MXP-123MD Datasheet HTML 3Page - List of Unclassifed Manufacturers MXP-123MD Datasheet HTML 4Page - List of Unclassifed Manufacturers MXP-123MD Datasheet HTML 5Page - List of Unclassifed Manufacturers MXP-123MD Datasheet HTML 6Page - List of Unclassifed Manufacturers MXP-123MD Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Block Diagram Of Transceiver
Transmitter Section
TRANSMITTER
RECEIVER
DATA+
DATA-
DATA+
PM
BIAS
TX-FAULT
TXd+
TX-DIS
TXd-
RXd+
RXd-
RXLOS
MOD_DEF(0)
MOD_DEF(2)
MOD_DEF(1)
DATA-
The
transmitter
section
consists of 1310nm FP
laser in an eye safe optical
subassembly (OSA) which
mates to the fiber cable.
The laser OSA is driven by
a LD driver IC which
converts differential input
LVPECL logic signals into
an analog laser driving
current.
TX-FAULT
TX Fault is an open collector/drain output, which should be pulled up with a 4.7K –
10KΩ resistor on the host board. Pull up voltage between 2.0V and VccT, R+0.3V. When
high, output indicates a laser fault of some kind. Low indicates normal operation. In the
low state, the output will be pulled to < 0.8V.
When sensing an improper power level in the laser driver, the SFP sets this signal
high and turns off the laser. TX-FAULT can be reset with the TX-DISABLE line. The
signal is in TTL level.
TX-DISABLE
TX disable is an input that is used to shut down the transmitter optical output. It is
pulled up within the module with a 4.7 – 10 KΩ resistor. Its states are: Low (0 – 0.8V):
Transmitter on; (>0.8, < 2.0V): Undefined; High (2.0 – 3.465V): Transmitter Disabled;
Open: Transmitter Disabled. The TX-DISABLE signal is high (TTL logic “1”) to turn off
the laser output. The laser will turn on when TX-DISABLE is low (TTL logic “0”).
TD-/+
These are the differential transmitter inputs. They are AC-coupled, differential lines
with 100Ω differential termination inside the module. The AC coupling is done inside the
module and is thus not required on the host board. The inputs will accept differential
swings of 500 – 2400 mV (250 – 1200 mV single-ended), though it is recommended that
values between 500 and 1200 mV differential (250 – 600 mV single-ended) be used for
best EMI performance.
4of7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com