Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABLS2 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ABLS2
Description  HC/49US (AT49) LOW PROFILE SURFACE MOUNT MICROPROCESSOR CRYSTAL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABLS2 Datasheet(HTML) 1 Page - Abracon Corporation

  ABLS2 Datasheet HTML 1Page - Abracon Corporation ABLS2 Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
|||||||||||||||
ABLS2
APPLICATIONS:
FEATURES:
11.5 x 4.8 x 3.3 mm
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
STANDARD SPECIFICATIONS:
• Suitable for reflow
• Low in height - suitable for thin equipment
• Tight stability & extended temperature
• Computers, Modems, Microprocessors
• Automotive and Industrial
• Wireless Applications
A
-10°C to +60°C
R5
± 5 ppm
B
-20°C to +70°C
U
± 10 ppm
C
-30°C to +70°C
G
± 15 ppm
N
-30°C to +85°C
X
± 20 ppm
D
-40°C to +85°C
W
± 25 ppm
Y
± 30 ppm
H
± 35 ppm
H5
± 5 ppm
1
± 10 ppm
7
± 15 ppm
2
± 20 ppm
3
± 25 ppm
NOTE: Fundamental BT frequency stability
4
± 30 ppm
± 100ppm max.at -10° C to +60° C only.
FB for Fund BT>24MHz
F for Fund. AT>24MHz
Operating Temp.
Freq. Stability
Packaging
Mode
Freq. Tolerance
ESR
RXXX (Value in Ω
)
T for Tape and Reel
XX.XXXX MHz
Load Capacitance
Please specify CL in pF or S
for Series (minimun 10pF)
ABLS2 - Frequency - - R
-
-
-
-
-
Frequency
OPTIONS & PART IDENTIFICATION:
(Left blank if standard)
Frequency Tolerance
Frequency Stability over the
Operating Temp. (Ref to +25°C)
PARAMETERS
3.579545 MHz to 70 MHz
AT strip (see options)
3.579545 MHz - 24.0 MHz (Fundamental)
24.01 - 50.00 MHz (Fund. AT or BT)
24.01 - 70.00 MHz (3rd - Overtone)
± 50 ppm max. (see options)
Frequency
ABRACON P/N
ABLS2 Series
Operation Mode
Operating Temperature
Storage Temperature
- 55°C to + 125°C
-0°C to + 70°C (see options)
± 50 ppm max. (see options)
Equivalent Series Resistance
Shunt Capacitance C0
Load Capacitance CL
Drive Level
Aging at 25°C Per Year
Insulation Resistance
See Table 1
18pF (see options)
1 mW max., 100μW typical
500 M min at 100Vdc ± 15V
7pF max.
± 5ppm max.
HC/49US (AT49) LOW PROFILE SURFACE
MOUNT MICROPROCESSOR CRYSTAL
Ω
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 07.27.07
Visit www.abracon.com for Terms & Conditions of Sale


Similar Part No. - ABLS2

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABLS2 ABRACON-ABLS2 Datasheet
404Kb / 2P
HC/49US (AT49) LOW PROFILE SURFACE MOUNT MICROPROCESSOR CRYSTAL
12.17.07
ABLS2 ABRACON-ABLS2 Datasheet
544Kb / 1P
LOW PROFILE SURFACE MOUNT
logo
Texas Instruments
ABLS2-12.000MHZ-D4Y-T TI-ABLS2-12.000MHZ-D4Y-T Datasheet
1Mb / 30P
LAUNCHXL-F28379D Overview
2016-2019
logo
Abracon Corporation
ABLS2-3.579545MHZ-D4Y-T ABRACON-ABLS2-3.579545MHZ-D4Y-T Datasheet
404Kb / 2P
HC/49US (AT49) LOW PROFILE SURFACE MOUNT MICROPROCESSOR CRYSTAL
12.17.07
ABLS2-3.6864MHZ-D4Y-T ABRACON-ABLS2-3.6864MHZ-D4Y-T Datasheet
1Mb / 3P
HC/49US (AT49) LOW PROFILE SURFACE MOUNT MICROPROCESSOR CRYSTAL
03.31.11
More results

Similar Description - ABLS2

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABLS3 ABRACON-ABLS3 Datasheet
235Kb / 3P
HC/49US (AT49) LOW PROFILE SURFACE MOUNT MICROPROCESSOR CRYSTAL
07.27.07
ABL ABRACON-ABL_08 Datasheet
362Kb / 3P
HC/49US (AT49) MICROPROCESSOR CRYSTAL
02.21.08
ABL2 ABRACON-ABL2_07 Datasheet
3Mb / 3P
HC/49US (AT49) MICROPROCESSOR CRYSTAL
12.17.07
ABL3 ABRACON-ABL3_07 Datasheet
3Mb / 3P
HC/49US (AT49) MICROPROCESSOR CRYSTAL
12.17.07
ABLS2 ABRACON-ABLS2_07 Datasheet
404Kb / 2P
HC/49US (AT49) LOW PROFILE SURFACE MOUNT MICROPROCESSOR CRYSTAL
12.17.07
ABLS3 ABRACON-ABLS3_07 Datasheet
410Kb / 2P
HC/49US (AT49) LOW PROFILE SURFACE MOUNT MICROPROCESSOR CRYSTAL
12.17.07
ABLS2-3.6864MHZ-D4Y-T ABRACON-ABLS2-3.6864MHZ-D4Y-T Datasheet
1Mb / 3P
HC/49US (AT49) LOW PROFILE SURFACE MOUNT MICROPROCESSOR CRYSTAL
03.31.11
ABL ABRACON-ABL_15 Datasheet
1Mb / 3P
HC/49US (AT49) MICROPROCESSOR CRYSTAL
01.08.13
ABL2 ABRACON-ABL2_15 Datasheet
1Mb / 3P
HC/49US (AT49) MICROPROCESSOR CRYSTAL
12.18.14
ABL3 ABRACON-ABL3_15 Datasheet
1Mb / 3P
HC/49US (AT49) MICROPROCESSOR CRYSTAL
09 .01 .10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com