Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C484321 Datasheet(PDF) 9 Page - Pericom Semiconductor Corporation

Part # PI6C484321
Description  260MHz Crystal-to-3.3V Differential LVPECL Frequency Synthesizer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C484321 Datasheet(HTML) 9 Page - Pericom Semiconductor Corporation

  PI6C484321 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C484321 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C484321 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C484321 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C484321 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C484321 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C484321 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C484321 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C484321 Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
PS8765A
08/01/05
PI6C484321
260MHz Crystal-to-3.3V Differential
LVPECL Frequency Synthesizer
Packaging Mechanical: 32-pin LQFP (FB)
Seating Plane
0.80 BSC
.032
0.30
0.45
.012
.018
1.60
.063
1.35
1.45
.053
.057
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
9.00 BSC
.276
Square
7.00 BSC
.354
Square
GAUGE PLANE
1.00 REF
.039
0.45
0.75
.018
.030
0.09
0.20
.004
.008
0°
7°
Max.
0.10
.004
0.05
0.15
.002
.006
Ordering Information
Ordering Code
Package Code
PackageType
PI6C484321FB
FB
32-Pin LQFP
PI6C484321FBE
FB
Pb-free & Green, 32-Pin LQFP
Notes:
1. Thermal characteristics can be found on the company web site at http://www.pericom.com/packaging/
Pericom Semiconductor Corporation • 1-800-435-2336 • http://www.pericom.com



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com