Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS1226 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # MS1226
Description  RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS1226 Datasheet(HTML) 2 Page - Advanced Power Technology

  MS1226 Datasheet HTML 1Page - Advanced Power Technology MS1226 Datasheet HTML 2Page - Advanced Power Technology MS1226 Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
053-7055 Rev - 10-2002
MS1226
ELECTRICAL SPECIFICATIONS (Tcase = 25
ELECTRICAL SPECIFICATIONS (Tcase = 25
ELECTRICAL SPECIFICATIONS (Tcase = 25
ELECTRICAL SPECIFICATIONS (Tcase = 25°°°°C)
C)
C)
C)
STATIC
STATIC
STATIC
STATIC
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
BVcbo
IC = 200 mA
IE = 0 mA
65
---
---
V
BVces
IC = 200 mA
VBE = 0 V
65
---
---
V
BVceo
IC = 200 mA
IB = 0 mA
35
---
---
V
BVebo
IE = 10 mA
IC = 0 mA
4.0
---
---
V
Icbo
VCB = 30 V
IE = 0 mA
---
---
1.0
mA
HFE
VCE = 5 V
IC = 500 mA
10
---
200
---
DYNAM
DYNAM
DYNAM
DYNAMIC
IC
IC
IC
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
POUT
f = 30 MHz
PIN = 0.48W
VCE = 28V
30
---
---
W
GP
f = 30 MHz
PIN = 0.48W
VCE = 28V
18
---
---
dB
IMD
f = 30 MHz
PIN = 0.48W
VCE = 28V
---
----
-28
dBC
Cob
f = 1 MHz
VCB = 30V
---
---
65
pf
Conditions V
CE = 28 V
ICQ = 25 mA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com