Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4853 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA4853
Description  I2C-bus autosync deflection controllers for PC/TV monitors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4853 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA4853 Datasheet HTML 17Page - NXP Semiconductors TDA4853 Datasheet HTML 18Page - NXP Semiconductors TDA4853 Datasheet HTML 19Page - NXP Semiconductors TDA4853 Datasheet HTML 20Page - NXP Semiconductors TDA4853 Datasheet HTML 21Page - NXP Semiconductors TDA4853 Datasheet HTML 22Page - NXP Semiconductors TDA4853 Datasheet HTML 23Page - NXP Semiconductors TDA4853 Datasheet HTML 24Page - NXP Semiconductors TDA4853 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
1999 Jul 13
21
Philips Semiconductors
Product specification
I2C-bus autosync deflection controllers for
PC/TV monitors
TDA4853; TDA4854
CVAGC
external capacitor at VAGC
(pin 22)
150
−
220
nF
Differential vertical current outputs
ADJUSTMENT OF VERTICAL SIZE INCLUDING VGA AND EHT COMPENSATION; see Fig.5
VSIZE
vertical size without VGA
overscan (referenced to
nominal vertical size)
register VSIZE = 0;
bit VOVSCN = 0; note 8
−
60
−
%
register VSIZE = 127;
bit VOVSCN = 0; note 8
−
100
−
%
VSIZEVGA
vertical size with VGA overscan
(referenced to nominal vertical
size)
register VSIZE = 0;
bit VOVSCN = 1; note 8
−
70
−
%
register VSIZE = 127;
bit VOVSCN = 1; note 8
115.9
116.8
117.7
%
VSMODEHT
EHT compensation on vertical
size via VSMOD (pin 21)
(referenced to 100% vertical
size)
IVSMOD =0
−
0
−
%
IVSMOD = −120 µA
−−7
−
%
Ii(VSMOD)
input current (pin 21)
VSMOD = 0
−
0
−µA
VSMOD =
−7%
−−120
−µA
Ri(VSMOD)
input resistance
300
−
500
Ω
Vref(VSMOD)
reference voltage at input
−
5.0
−
V
fro(VSMOD)
roll-off frequency (
−3 dB)
IVSMOD = −60 µA
+15
µA (RMS)
1
−−
MHz
ADJUSTMENT OF VERTICAL POSITION; see Fig.6
VPOS
vertical position (referenced to
100% vertical size)
register VPOS = 0;
control bit VPC = 0
−−11.5
−
%
register VPOS = 127;
control bit VPC = 0
−
11.5
−
%
register VPOS = X;
control bit VPC = 1
−
0
−
%
ADJUSTMENT OF VERTICAL LINEARITY; see Fig.7
VLIN
vertical linearity (S-correction)
register VLIN = 0;
control bit VSC = 0; note 8
−
2
−
%
register VLIN = 15;
control bit VSC = 0; note 8
−
46
−
%
register VLIN = X;
control bit VSC = 1; note 8
−
0
−
%
δVLIN
symmetry error of S-correction
maximum VLIN
−−±0.7
%
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com