Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABM75C Datasheet(PDF) 1 Page - Abracon Corporation

Part # ABM75C
Description  AT-CUT LOW COST CERAMIC SMD CRYSTAL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABM75C Datasheet(HTML) 1 Page - Abracon Corporation

  ABM75C Datasheet HTML 1Page - Abracon Corporation ABM75C Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AT-CUT LOW COST CERAMIC SMD CRYSTAL
|||||||||||||||
ABM75C
STANDARD SPECIFICATIONS:
OPTIONS AND PART IDENTIFICATION:
(Left blank if standard)
APPLICATIONS:
FEATURES:
PARAMETERS
ABRACON P/N:
ABM75C Series
Frequency range:
7.6 MHz to 48 MHz
Operating temperature:
-10°C to + 60°C (see options)
Operation Mode:
AT-cut (Fundamental for <35MHz, 3rd OT for >35MHz)
Storage temperature:
-40°C to +85°C
Equivalent series resistance: See Table 1
Shunt capacitance C0:
7pF max
Load capacitance CL:
18pF (see option)
Drive Level:
100uW max
Aging @ 25°C per year:
±10ppm max
Insulation Resistance:
500Mohms min at 100Vdc ± 15V
Freq. Tolerance at +25° C:
± 30ppm max. (Contact ABRACON for tighter tolerance)
± 50ppm max. (Contact ABRACON for tighter stability)
Freq. stability over operating
temperature (Ref to +25° C):
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 08.02.07
Visit www.abracon.com for Terms & Conditions of Sale
7.0 x 5.0 x 1.2 mm
• Industrial standard package 7.0x5.0, 4 pads
• Ideal for Cost Sensitive Commercial Electronics
• Suitable for High Volume Applications
• Laptop computers
• Computer peripherals
• Home network modem
TABLE 1
ESR (
Ω
Ω)
80
60
40
Contact ABRACON
Test Condition
Parts shall be tested under the condition of +20±15°C of the temperature, +65%±20%RH of the humidity unless
the standard condition of +25±2°C of the temperature, +65%±5%RH of the humidity is specified.
35.001 - 48.000
Frequency (MHz)
7.600 - 11.999
12.000 - 16.000
16.001 - 35.000
E
0°C ~ +70°C
Blank
Bulk
B
-20°C ~ +70°C
T
Tape & Reel
g
n
i
g
a
k
c
a
P
y
c
n
e
u
q
e
r
F
Operating Temp.
ABM75C - Frequency -
-
-
XX.XXXX MHz
Load Capacitance
Please specify CL in pF
(From 12 to 30)
Please NOTE: This part is not recommended for high reliability applications such as
automotive, medical, or safety related applications. Please contact ABRACON for
information regarding our high reliability products and for application assistance.
Pb RoHS
Compliant


Similar Part No. - ABM75C

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABM75CA ABRACON-ABM75CA Datasheet
160Kb / 2P
AT-CUT LOW COST CERAMIC SMD CRYSTAL
08.02.07
More results

Similar Description - ABM75C

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABM42C ABRACON-ABM42C Datasheet
165Kb / 2P
AT-CUT LOW COST CERAMIC SMD CRYSTAL
08.02.07
ABM42CA ABRACON-ABM42CA Datasheet
152Kb / 2P
AT-CUT LOW COST CERAMIC SMD CRYSTAL
08.02.07
ABM63C ABRACON-ABM63C Datasheet
166Kb / 2P
AT-CUT LOW COST CERAMIC SMD CRYSTAL
08.02.07
ABM63CA ABRACON-ABM63CA Datasheet
157Kb / 2P
AT-CUT LOW COST CERAMIC SMD CRYSTAL
08.02.07
ABM75CA ABRACON-ABM75CA Datasheet
160Kb / 2P
AT-CUT LOW COST CERAMIC SMD CRYSTAL
08.02.07
logo
QUARTZCOM the communica...
SMX-1C8 QUARTZCOM-SMX-1C8 Datasheet
110Kb / 1P
Full ceramic SMD Crystal Reliable, low cost crystal
SMX-1C-A QUARTZCOM-SMX-1C-A Datasheet
115Kb / 1P
Full ceramic SMD Crystal Reliable, low cost crystal
logo
TEMEX
RXT2016AT TEMEX-RXT2016AT Datasheet
552Kb / 6P
Low profile SMD AT-cut quartz crystal with thermally
RXT2520AT TEMEX-RXT2520AT Datasheet
565Kb / 6P
Low profile SMD AT-cut quartz crystal with thermally
logo
CRYSTEK CORPORATION
CO27VS12DE-02-10.000 CRYSTEKMICROWAVE-CO27VS12DE-02-10.000 Datasheet
159Kb / 2P
AT-Cut Crystal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com