Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS2205 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # MS2205
Description  RF AND MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS2205 Datasheet(HTML) 2 Page - Advanced Power Technology

  MS2205 Datasheet HTML 1Page - Advanced Power Technology MS2205 Datasheet HTML 2Page - Advanced Power Technology MS2205 Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MS2205
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
ELECTRICAL SPECIFICATIONS (T
ELECTRICAL SPECIFICATIONS (TCASE
CASE
= 25
= 25
°°C)
C)
STATIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
BVCBO
IC = 1 mA
IE = 0
45
---
---
V
BVCEO
IC= 5 mA
IB = 0
45
---
---
V
BVCES
IC = 5 mA
VBE = 0
45
---
---
V
BVEBO
IE = 1 mA
IC =0
3.5
---
---
V
ICES
VCE = 28 V
IE = 0 mA
---
---
1
mA
hFE
VCE = 5 V
IC = 100 mA
10
---
200
---
DYNAMIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
POUT
f = 1025–1150 MHz
PIN = .55W
VCE = 28 V
5
W
GP
f = 1025–1150 MHz
PIN = .55W
VCE = 28 V
9.5
DB
Note:
Pulse width = 10 µSec, Duty Cycle = 1%
This device is suitable for use under other pulse widths/duty cycle conditions.
Please contact the factory for specific applications assistance.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com