Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS2211 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # MS2211
Description  RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS2211 Datasheet(HTML) 2 Page - Advanced Power Technology

  MS2211 Datasheet HTML 1Page - Advanced Power Technology MS2211 Datasheet HTML 2Page - Advanced Power Technology MS2211 Datasheet HTML 3Page - Advanced Power Technology MS2211 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MS2211
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
ELECTRICAL SPECIFIC
ELECTRICAL SPECIFICATIONS (Tcase = 25
ATIONS (Tcase = 25°°C)
C)
STATIC
STATIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
BVCBO
IC = 1mA
IE = 0mA
48
---
---
V
BVCER
IC = 5mA
RBE = 10
Ω
Ω
48
---
---
V
BVEBO
IE= 1mA
IC = 0 mA
3.5
---
---
V
ICES
VCE= 28 V
VBE = 0 V
------
---
0.5
mA
hFE
VCE = 5 V
IC = 250mA
30
---
300
---
DYNAMIC
DYNAMIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
POUT
f = 960-1215 MHz
VCC = 28V
PIN = 0.7W
6.0
---
---
W
GP
f = 960-1215 MHz
VCC = 28V
PIN = 0.7W
9.3
---
---
dB
ηη
f = 960-1215 MHz
VCC = 28V
PIN = 0.7W
45
---
---
%
Conditions
Pulse Format: 6.4
µµS ON/ 6.6 µµS OFF, repeat for 3mS, then OFF for 4.5125mS.
Duty Cycle: Burst: 49.2%, overall 20.8%
IMPEDANCE DATA
IMPEDANCE DATA
FREQ
ZIN(
Ω)
Ω)
ZCL(
Ω)
Ω)
960 MHz
8.2 + j8.5
10.5 + j12.9
1090 MHz
11.1 + j8.3
9.4 + j11.3
1215 MHz
15.6 + j6.8
9.0 + j8.3
PIN = 0.7W
VCC = 28V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com