Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABMM2 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ABMM2
Description  CERAMIC SURFACE MOUNT LOW PROFILE QUARTZ CRYSTALS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABMM2 Datasheet(HTML) 1 Page - Abracon Corporation

  ABMM2 Datasheet HTML 1Page - Abracon Corporation ABMM2 Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
| | | | | | | | | | | | | | |
ABMM2
Revised: 05.01.07
APPLICATIONS:
FEATURES:
6.0 x 3.6 x 1.2 mm
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
STANDARD SPECIFICATIONS:
• Suitable for solder reflow
• Low in height - suitable for thin equipment
• ATstrip cut offers a tight tolerance & stability
• Computers, Modems, Microprocessors
• Communication, Test equipment
• PCMCIA
OPTIONS & PART IDENTIFICATION:
(Left blank if standard)
CERAMIC SURFACE MOUNT LOW
PROFILE QUARTZ CRYSTALS
Frequency Range
ABRACON P/N
Operation Mode
Operating Temperature
Storage Temperature
Frequency Tolerance @ 25°C
Frequency Stability over Opera-
ting Temp. (Ref to +25°C)
Equivalent Series Resistance
Shunt Capacitance C0
Load Capacitance CL
Drive Level
Aging at 25°C First Year
Insulation Resistance
8.00 MHz - 110.00 MHz
ABMM2 Series
8.00 MHz ~ 50.00 MHz (Fundamental)
30.01 MHz ~ 100.00 MHz (3rd Overtone)
90.00 MHz ~ 110.00 MHz (5thOvertone)
-10°C to + 60°C (See Options)
- 40°C to + 85°C
± 20 ppm max. (See Options)
± 20 ppm max. (See Table 1)
See Table 1
7pF max.
18pF (see options)
500µW max., 100µW correlation
± 2ppm max.
500MΩ min. @ 100Vdc ± 15V
TABLE 1
ESR (Ω)
10.0 - 50.0 (Fund)
50
8.0 - 9.9 (Fund)
72
30 - 100 (3rd OT)
60
90 - 110 (5th O/T)
80
Frequency (MHz)
PARAMETERS
1
± 10 ppm
7
± 15 ppm
0ºC to +50ºC
A1
A2
A3
A4
B1
B2
B3
B4
C2
C1
Standard
E1
E2
D1
-10ºC to +50ºC
-10ºC to +60ºC
-20ºC to +70ºC
-40ºC to +85ºC
±10 ppm
max.
ABMM2 - Frequency - - R
- - - -
e
c
n
a
r
e
l
o
T
.
q
e
r
F
y
c
n
e
u
q
e
r
F
XX.XXXX MHz
Load Capacitance
Packaging
T for Tape and Reel
Mode
ESR
F for Fund. AT>30MHz
±20 ppm
max.
Frequency -vs.- Temperature
FB for Fund BT>30MHz
RXXX (Value inΩ
)
Please specify CL in pF or S
for Series
Temp.
Range º
C
±4 ppm
max.
±5 ppm
max.


Similar Part No. - ABMM2

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABMM2-8.000MHZ-E2-T ABRACON-ABMM2-8.000MHZ-E2-T Datasheet
1Mb / 3P
CERAMIC SURFACE MOUNT LOW PROFILE QUARTZ CRYSTALS
01.18.13
ABMM2 ABRACON-ABMM2_15 Datasheet
1Mb / 3P
CERAMIC SURFACE MOUNT LOW PROFILE QUARTZ CRYSTALS
01.18.13
More results

Similar Description - ABMM2

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABM4A ABRACON-ABM4A Datasheet
165Kb / 3P
LOW PROFILE CERAMIC SURFACE MOUNT MICROPROCESSOR CRYSTALS
4.05.07
logo
List of Unclassifed Man...
HC49-4H ETC2-HC49-4H Datasheet
53Kb / 2P
SURFACE MOUNT QUARTZ CRYSTALS
logo
Abracon Corporation
ABMM2-8.000MHZ-E2-T ABRACON-ABMM2-8.000MHZ-E2-T Datasheet
1Mb / 3P
CERAMIC SURFACE MOUNT LOW PROFILE QUARTZ CRYSTALS
01.18.13
ABMM-1 ABRACON-ABMM-1 Datasheet
833Kb / 2P
CERAMIC SURFACE MOUNT LOW PROFILE QUARTZ CRYSTALS
07.08.10
ABMM2 ABRACON-ABMM2_15 Datasheet
1Mb / 3P
CERAMIC SURFACE MOUNT LOW PROFILE QUARTZ CRYSTALS
01.18.13
logo
Mercury United Electron...
X21 MERCURY-X21_17 Datasheet
101Kb / 1P
Quartz Crystal [ Surface Mount Crystals ]
X22 MERCURY-X22_17 Datasheet
103Kb / 1P
Quartz Crystal [ Surface Mount Crystals ]
X32 MERCURY-X32_17 Datasheet
104Kb / 1P
Quartz Crystal [ Surface Mount Crystals ]
X2012 MERCURY-X2012 Datasheet
130Kb / 1P
Quartz Crystal [ Surface Mount Crystals ]
X3215 MERCURY-X3215_17 Datasheet
130Kb / 1P
Quartz Crystal [ Surface Mount Crystals ]
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com