Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABMM3 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ABMM3
Description  CERAMIC SURFACE MOUNT LOW PROFILE MICROPROCESSOR CRYSTAL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABMM3 Datasheet(HTML) 1 Page - Abracon Corporation

  ABMM3 Datasheet HTML 1Page - Abracon Corporation ABMM3 Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
|||||||||||||||
ABMM3
APPLICATIONS:
FEATURES:
6.0 x 3.5 x 1.1 mm
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
STANDARD SPECIFICATIONS:
• Suitable for reflow; Superior heat-resistant glass sealing
• Low in height - suitable for thin equipment
• AT-strip cut offers a tight tolerance & stability
• Computers, Modems, Microprocessors
• Communication, Test equipment
• PCMCIA
OPTIONS & PART IDENTIFICATION:
(Left blank if standard)
TABLE 1
ESR (
Ω
Ω)
80
60
50
90
Frequency (MHz)
8.000 - 9.999 (Fund)
10.000 - 15.99 (Fund)
16.000 - 50.000 (Fund)
45.000 - 60.00 (3rd O/T)
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 07.10.07
Visit www.abracon.com for Terms & Conditions of Sale
Blank
Bulk
E
0ºC to +70ºC
T
Tape & Reel
B
-20ºC to +0ºC
C
-30ºC to +70ºC
N
-30ºC to +85ºC
D
-40ºC to +85ºC
X
± 20 ppm
W
± 25 ppm
Y
± 30 ppm
H
± 35 ppm
2
± 20 ppm
Z
± 100 ppm
3
± 25 ppm
4
± 30 ppm
ABMM3 - Frequency -
- R
-
-
-
-
Frequency
Freq. Tolerance
XX.XXXX MHz
Load Capacitance
Packaging
Freq. Tolerance
ESR
Temp. Range º
C
RXXX (Value in Ω
)
Please specify CL in pF or
S for Series
RoHS
Compliant
Pb in glass
(exempt per RoHS 2002/95/EC Annex (5))
Frequency Tolerance at 25°C
Frequency Stability over the
Operating Temp. (Ref to +25°C)
PARAMETERS
8.0 MHz to 60.0 MHz
Fundamental 8.0 MHz - 50.0 MHz
Third-Overtone for F ~ 45.0 MHz - 60.0 MHz
± 50 ppm max. (see options)
Frequency Range
ABRACON P/N
ABMM3 Series
Operation Mode
Operating Temperature
Storage Temperature
- 40°C to + 90°C
- 10°C to + 60°C (see options)
± 50 ppm max. (see options)
Equivalent Series Resistance
Shunt Capacitance C0
Load Capacitance CL
Drive Level
Aging at 25°C Per Year
Insulation Resistance
See Table 1
18pF (see options)
100μW max.
500Mohms min at 100Vdc ± 15V
7pF max.
± 5ppm max.
CERAMIC SURFACE MOUNT LOW
PROFILE MICROPROCESSOR CRYSTAL


Similar Part No. - ABMM3

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABMM ABRACON-ABMM Datasheet
187Kb / 2P
CERAMIC SURFACE MOUNT MICROPROCESSOR CRYSTAL
05.24.07
ABMM ABRACON-ABMM Datasheet
379Kb / 2P
CERAMIC SURFACE MOUNT MICROPROCESSOR CRYSTAL
12.17.07
ABMM-1 ABRACON-ABMM-1 Datasheet
833Kb / 2P
CERAMIC SURFACE MOUNT LOW PROFILE QUARTZ CRYSTALS
07.08.10
ABMM-14.31818MHZ-B-R17234 ABRACON-ABMM-14.31818MHZ-B-R17234 Datasheet
1Mb / 2P
CERAMIC SURFACE MOUNT M ICROPROCESSOR CRYSTAL
02.26.12
ABMM-14.31818MHZ-C-R17234 ABRACON-ABMM-14.31818MHZ-C-R17234 Datasheet
1Mb / 2P
CERAMIC SURFACE MOUNT M ICROPROCESSOR CRYSTAL
02.26.12
More results

Similar Description - ABMM3

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABC2 ABRACON-ABC2 Datasheet
154Kb / 2P
LOW FREQUENCY CERAMIC SURFACE MOUNT MICROPROCESSOR CRYSTAL
4.05.07
ABLS3 ABRACON-ABLS3 Datasheet
235Kb / 3P
HC/49US (AT49) LOW PROFILE SURFACE MOUNT MICROPROCESSOR CRYSTAL
07.27.07
ABM4A ABRACON-ABM4A Datasheet
165Kb / 3P
LOW PROFILE CERAMIC SURFACE MOUNT MICROPROCESSOR CRYSTALS
4.05.07
ABMM ABRACON-ABMM Datasheet
187Kb / 2P
CERAMIC SURFACE MOUNT MICROPROCESSOR CRYSTAL
05.24.07
ABMM1 ABRACON-ABMM1 Datasheet
353Kb / 2P
CERAMIC SURFACE MOUNT LOW PROFILE MICROPROCESSOR CRYSTAL
07.10.07
ABM4A ABRACON-ABM4A_07 Datasheet
259Kb / 3P
LOW PROFILE CERAMIC SURFACE MOUNT MICROPROCESSOR CRYSTALS
12.28.07
ABMM1 ABRACON-ABMM1_08 Datasheet
638Kb / 2P
CERAMIC SURFACE MOUNT LOW PROFILE MICROPROCESSOR CRYSTAL
09.19.08
ABMM ABRACON-ABMM_07 Datasheet
379Kb / 2P
CERAMIC SURFACE MOUNT MICROPROCESSOR CRYSTAL
12.17.07
ABMM1 ABRACON-ABMM1_10 Datasheet
700Kb / 2P
CERAMIC SURFACE MOUNT LOW PROFILE MICROPROCESSOR CRYSTAL
07.08.10
ABMM5 ABRACON-ABMM5 Datasheet
213Kb / 2P
CERAMIC SURFACE MOUNT LOW PROFILE MICROPROCESSOR CRYSTAL
10.18.07
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com