Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASETDV Datasheet(PDF) 2 Page - Abracon Corporation

Part # ASETDV
Description  CONTINUOUS VOLTAGE SMD CRYSTAL OSCILLATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASETDV Datasheet(HTML) 2 Page - Abracon Corporation

  ASETDV Datasheet HTML 1Page - Abracon Corporation ASETDV Datasheet HTML 2Page - Abracon Corporation ASETDV Datasheet HTML 3Page - Abracon Corporation ASETDV Datasheet HTML 4Page - Abracon Corporation ASETDV Datasheet HTML 5Page - Abracon Corporation ASETDV Datasheet HTML 6Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Hidden Creek Ln Spicewood TX 78669
5101
Phone: 512-371-6159 | Fax: 512-351-8858
REVISED: 06-19-23
For terms and conditions of sales, please visit:
www.abracon.com
CONTINUOUS VOLTAGE SMD CRYSTAL OSCILLATOR
ASETDV
3.2 x 2.5 x 1.2mm
RoHS/RoHS II Compliant
MSL Level = 1
Request Samples
Check Inventory
0
1
2
3
4
5
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
Supply Voltage, Vdd (V)
Current Consumption (Idd) vs. Supply Voltage (Vdd) Characteristics
[Load=15pF]
16 MHz
24 MHz
25 MHz
33.333 MHz
48 MHz
Parameters
Min.
Typ.
Max.
Units
Notes
Supply Current (Idd) into 15pF Load @25°C± 3°C
@ Vdd=3.3V
4.8
mA
9.60MHz to 20.00MHz
5.5
20.01MHz to 30.00MHz
6.0
30.01MHz to 40.00MHz
7.0
40.01MHz to 50.00MHz
8.0
50.01MHz to 60.00MHz
Supply Current (Idd) into 15pF Load @25°C± 3°C
@ Vdd=2.5V
4.3
mA
9.60MHz to 20.00MHz
5.0
20.01MHz to 30.00MHz
5.5
30.01MHz to 40.00MHz
6.5
40.01MHz to 50.00MHz
7.5
50.01MHz to 60.00MHz
Supply Current (Idd) into 15pF Load @25°C± 3°C
@ Vdd=1.8V
3.8
mA
9.60MHz to 20.00MHz
4.5
20.01MHz to 30.00MHz
5.0
30.01MHz to 40.00MHz
6.0
40.01MHz to 50.00MHz
7.0
50.01MHz to 60.00MHz
Electrical Specifications continued
Typical Current Consumption (Idd) vs. Supply Voltage (Vdd) Characteristics @25C℃±3℃ [Load=15pF]



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com