Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C419 Datasheet(PDF) 48 Page - Coilcraft lnc.

Part # C419
Description  MAGNETICS FOR RF, POWER,FILTER AND DATA APPLICATIONS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

C419 Datasheet(HTML) 48 Page - Coilcraft lnc.

Back Button C419 Datasheet HTML 44Page - Coilcraft lnc. C419 Datasheet HTML 45Page - Coilcraft lnc. C419 Datasheet HTML 46Page - Coilcraft lnc. C419 Datasheet HTML 47Page - Coilcraft lnc. C419 Datasheet HTML 48Page - Coilcraft lnc. C419 Datasheet HTML 49Page - Coilcraft lnc. C419 Datasheet HTML 50Page - Coilcraft lnc. C419 Datasheet HTML 51Page - Coilcraft lnc. C419 Datasheet HTML 52Page - Coilcraft lnc. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 60 page
background image
48
www.coilcraft.com US +1-847-639-6400 Europe +44-1236-730595
RFB0810
Inductance
DCR max
SRF typ
I
sat (A)
I
rms (A)
Part number
±10%
(Ohms)
(MHz)
10% drop
20°C rise 40°C rise
RFB0810-100L
10µH
0.030
22
4.20
4.00
5.30
RFB0810-120L
12µH
0.035
20
3.90
3.75
5.10
RFB0810-150L
15µH
0.040
17
3.60
3.52
4.80
RFB0810-180L
18µH
0.040
15
3.30
3.30
4.50
RFB0810-220L
22µH
0.050
12
2.90
3.20
4.20
RFB0810-270L
27µH
0.055
12
2.60
2.87
3.90
RFB1010
Inductance
DCR max
SRF typ
I
sat (A)
I
rms (A)
Part number
±10%
(Ohms)
(MHz)
10% drop
20°C rise 40°C rise
RFB1010-120L
12µH
0.025
20
5.60
4.00
5.70
RFB1010-150L
15µH
0.028
19
5.00
3.75
5.40
RFB1010-180L
18µH
0.030
16
4.60
3.50
5.00
RFB1010-220L
22µH
0.042
15
4.10
3.30
4.70
RFB1010-270L
27µH
0.046
12
3.70
3.00
4.40
RFB1010-330L
33µH
0.055
11
3.40
2.80
4.10
RFB1010-390L
39µH
0.075
10.3
3.10
2.60
3.80
RFB1010-470L
47µH
0.082
9.5
2.80
2.40
3.50
RFB1010-560L
56µH
0.090
8.6
2.60
2.20
3.20
Dimensions (inches mm)
Series
A max
B max
C
D
E
RFB0807
0.35 8,80
0.30 7,50
0.024 0,60
0.157 4,0
0.197 5,0
RFB0810
0.37 9,50
0.45 11,5
0.024 0,60
0.157 4,0
0.197 5,0
RFB1010
0.43 11,0
0.45 11,5
0.031 0,80
0.157 4,0
0.236 6,0
UA801x
I
sat(A)
I
rms(A)
Output Inductance DCRmax SRFtyp
10%
20%
30%
20°C
40°C
Part number
(W)
±10%(µH)
(mOhms) (MHz)
drop
drop
drop
rise
rise
UA8013-ALD
100
7.0
6.6
40
12.0
12.5
13.2
6.5
9.0
UA8014-ALD
100
10.0
6.6
28
8.7
9.1
9.4
6.5
9.0
Dimensions (inches mm)
Series
A max
B max
C
D
GA3416
0.610 15,50
0.535 13,59
0.520 13,21
HA4158
0.466 11,84
0.423 10,75
0.419 10,65
JA4575
0.466 11,84
0.423 10,75
0.390 9,91
0.110 2,80
RA7231
0.610 15,50
0.551 14,00
0.630 16,00
UA8013
0.610 15,50
0.551 14,00
0.630 16,00
UA8014
0.610 15,50
0.551 14,00
0.630 16,00
Coilcraft offers a unique selection of dual inductors that significantly improve
performance and reduce board area with a compact, single shielded package.
Good linearity and ultra low total losses minimize total harmonic distortion
plus noise (THD+N). With no crosstalk between windings, their high efficiency
makes them ideal for use in handheld audio devices, portable docking stations,
high-end TV soundbars, active speakers and subwoofers and automotive
stereo audio systems.
AA
BB
C
C
D
UA801x, HA4158,
GA3416, RA7231
JA4575
HA4158, JA4575, GA3416
I
sat(A)
I
rms(A)
Output Inductance DCRmax SRFtyp
10%
20%
30%
20°C
40°C
Part number
(W)
±10%(µH)
(mOhms) (MHz)
drop
drop
drop
rise
rise
HA4158-ELD
68
10.0
13.0
21.5
6.0
6.7
7.1
4.0
6.0
JA4575-BLD
68
10.0
13.0
21.5
6.0
6.7
7.1
4.0
6.0
GA3416-CLD
60
10.0
21.0
23.6
8.6
8.7
8.8
3.0
4.3
RA7231
I
sat(A)
I
rms(A)
Output Inductance DCRmax SRFtyp
10%
20%
30%
20°C
40°C
Partnumber
(W)
±10%(µH)
(mOhms) (MHz)
drop
drop
drop
rise
rise
RA7231-ALD
40
5.0
6.0
34
15.5
16.6
17.6
7.6
10.6
AA
BB
C
C
D
RFB0807
DCR max
SRF typ
I
sat (A)
I
rms (A)
Part number
Inductance
(Ohms)
(MHz)
10% drop
20°C rise 40°C rise
RFB0807-1R0L
0.9µH±20%
0.008
180
10.0
6.00
8.50
RFB0807-2R2L
2.2µH±20%
0.012
80
6.00
5.00
7.50
RFB0807-2R7L
2.7µH±20%
0.014
40
5.50
4.60
6.54
RFB0807-3R3L
3.3µH±20%
0.017
40
5.00
4.20
5.97
RFB0807-3R9L
3.9µH±20%
0.020
40
4.50
3.70
5.26
RFB0807-4R7L
4.7µH±20%
0.024
40
4.20
3.50
4.98
RFB0807-5R6L
5.6µH±20%
0.028
40
4.00
3.40
4.83
RFB0807-6R8L
6.8µH±20%
0.033
30
3.60
3.20
4.55
RFB0807-8R2L
8.2µH±20%
0.035
30
3.30
3.00
4.27
RFB0807-100L
10µH±10%
0.040
30
3.10
3.00
4.20
Dual Inductors for Class-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com