Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCL453232-R22M Datasheet(PDF) 2 Page - Bi technologies

Part # BCL453232-R22M
Description  1812 Industry Size Surface Mount Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

BCL453232-R22M Datasheet(HTML) 2 Page - Bi technologies

  BCL453232-R22M Datasheet HTML 1Page - Bi technologies BCL453232-R22M Datasheet HTML 2Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2006 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE
We reserve the right to change specifications without prior notice
www.bitechnologies.com
73
Outline Dimensions (Inch/mm)
Ordering Information
BCL453232-271K
270
K
40
0.796
4.0
12.0
92
BCL453232-331K
330
K
40
0.796
3.5
14.0
85
BCL453232-391K
390
K
40
0.796
3.0
16.0
80
BCL453232-471K
470
K
40
0.796
3.0
26.0
62
BCL453232-561K
560
K
30
0.796
3.0
30.0
50
BCL453232-681K
680
K
30
0.796
3.0
30.0
50
BCL453232-821K
820
K
30
0.796
2.5
35.0
30
BCL453232-102K
1,000
K
30
0.252
2.5
40.0
30
Specifications (Cont’d)
Test
DC
Rated
Part
Inductance
Frequency
SRF
Resistance
Current
Number
µH
Tolerance
Q Min.
MHz
MHz Min.
Ω Max
IDC mA
Inductance Code:
First 2 digits are
significant. Last digit
denotes the number of
trailing zeros. For values
below 10µH, ‘R’ denotes
the decimal point
Model Series
BCL 453232
330
K
LF
Inductance Tolerance
J = 5%
K = 10%
M = 20%
Lead-Free Option
LF = Lead- Free
(No code used for
non lead-free part)
Packaging
Standard: Embossed Tape & Reel
Reel: Diameter: = 7” (177.8mm)
Capacity: =
500 Units



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com