Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCL453232-R39M Datasheet(PDF) 1 Page - Bi technologies

Part # BCL453232-R39M
Description  1812 Industry Size Surface Mount Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

BCL453232-R39M Datasheet(HTML) 1 Page - Bi technologies

  BCL453232-R39M Datasheet HTML 1Page - Bi technologies BCL453232-R39M Datasheet HTML 2Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.bitechnologies.com
MAGNETIC COMPONENTS SELECTOR GUIDE 2006 EDITION
We reserve the right to change specifications without prior notice.
72
• Inductance Range
0.1µH to 1000µH
• Standard Tolerance
±10%(<1.0µH = ±20%)
• Operating Temperature Range
-40°C to +105°C
• Ambient Temperature, Maximum
80°C
• Resistance to Solder Heat
260°C for 10 sec.
• Terminal Pull Strength, Minimum
1.0 kg
 
Electrical / Environmental
1812 Industry Size
Surface Mount Inductors
BCL453232-R10M
0.10
M
35
25.2
300
0.18
800
BCL453232-R12M
0.12
M
35
25.2
280
0.20
770
BCL453232-R15M
0.15
M
35
25.2
250
0.22
730
BCL453232-R18M
0.18
M
35
25.2
220
0.24
700
BCL453232-R22M
0.22
M
40
25.2
200
0.25
665
BCL453232-R27M
0.27
M
40
25.2
180
0.26
635
BCL453232-R33M
0.33
M
40
25.2
165
0.28
605
BCL453232-R39M
0.39
M
40
25.2
150
0.30
575
BCL453232-R47M
0.47
M
40
25.2
145
0.32
545
BCL453232-R56M
0.56
M
40
25.2
140
0.36
520
BCL453232-R68M
0.68
M
40
25.2
135
0.40
500
BCL453232-R82M
0.82
M
40
25.2
130
0.45
475
BCL453232-1R0K
1.0
K
50
7.96
100
0.50
450
BCL453232-1R2K
1.2
K
50
7.96
80
0.55
430
BCL453232-1R5K
1.5
K
50
7.96
70
0.60
410

1.8
K
50
7.96
60
0.65
390
BCL453232-2R2K
2.2
K
50
7.96
55
0.70
380
BCL453232-2R7K
2.7
K
50
7.96
50
0.75
370
BCL453232-3R3K
3.3
K
50
7.96
45
0.80
355
BCL453232-3R9K
3.9
K
50
7.96
40
0.90
330
BCL453232-4R7K
4.7
K
50
7.96
35
1.00
315
BCL453232-5R6K
5.6
K
50
7.96
33
1.10
300
BCL453232-6R8K
6.8
K
50
7.96
27
1.20
285
BCL453232-8R2K
8.2
K
50
7.96
25
1.40
270
BCL453232-100K
10.0
K
50
2.52
20
1.60
250
BCL453232-120K
12.0
K
50
2.52
18
2.00
225

15.0
K
50
2.52
17
2.50
200
BCL453232-180K
18.0
K
50
2.52
15
2.80
190
BCL453232-220K
22.0
K
50
2.52
13
3.20
180
BCL453232-270K
27.0
K
50
2.52
12
3.60
170
BCL453232-330K
33.0
K
50
2.52
11
4.00
160
BCL453232-390K
39.0
K
50
2.52
10
4.50
150
BCL453232-470K
47.0
K
50
2.52
10
5.00
140
BCL453232-560K
56.0
K
50
2.52
9.0
5.50
135
BCL453232-680K
68.0
K
50
2.52
9.0
6.00
130
BCL453232-820K
82.0
K
50
2.52
8.0
7.00
120
BCL453232-101K
100
K
40
0.796
8.0
8.00
110
BCL453232-121K
120
K
40
0.796
6.0
8.00
110
BCL453232-151K
150
K
40
0.796
5.0
9.00
105
BCL453232-181K
180
K
40
0.796
5.0
9.50
102
BCL453232-221K
220
K
40
0.796
4.0
10.0
100
Specifications
Test
DC
Rated
Part
Inductance
Frequency
SRF
Resistance
Current
Number
µH
Tolerance
Q Min.
MHz
MHz Min.
Ω Max
IDC mA
RoHS
Compliant
for
‘LF’ Models


Similar Part No. - BCL453232-R39M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BCL453232-R39M ETC1-BCL453232-R39M Datasheet
237Kb / 2P
1812 Industry Size Surface Mount Inductors
More results

Similar Description - BCL453232-R39M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BCL453232 ETC1-BCL453232 Datasheet
237Kb / 2P
1812 Industry Size Surface Mount Inductors
BMB0603-P1A-600 ETC1-BMB0603-P1A-600 Datasheet
218Kb / 1P
High Current Surface Mount Multilayer Chip Beads, 0603 - 1812 Industry Sizes
BMB0402A-600 ETC1-BMB0402A-600 Datasheet
156Kb / 14P
Surface Mount Multilayer Chip Beads 0402 -1812 Industry Sizes
logo
Bi technologies
BCL322522 BITECH-BCL322522 Datasheet
224Kb / 2P
1210 Industry Size Surface Mount Inductors
BCL565050 BITECH-BCL565050 Datasheet
224Kb / 2P
2220 Industry Size Surface Mount Inductors
BMB1812A121ETLF BITECH-BMB1812A121ETLF Datasheet
248Kb / 2P
Surface Mount Multilayer Chip Beads, 0402 - 1812 Industry Sizes
BMB1812P1A121ETLF BITECH-BMB1812P1A121ETLF Datasheet
218Kb / 1P
High Current Surface Mount Multilayer Chip Beads, 0603 - 1812 Industry Sizes
BML BITECH-BML Datasheet
266Kb / 3P
Surface Mount Multilayer Ferrite Chip Inductors, 0603 - 1206 Industry Sizes
logo
RFE international
IW4532R10M RFE-IW4532R10M Datasheet
71Kb / 1P
SURFACE MOUNT INDUCTORS IW4532 Series: 1812 Wirewound
logo
API Delevan
4302R API-4302R Datasheet
1Mb / 1P
Temperature Stable (1008 size) Surface Mount Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com