Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BHP Datasheet(PDF) 2 Page - Bi technologies

Part # BHP
Description  Noninductive Planar Low Cost, 20 Watt TO 220 Package Thick Film Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

BHP Datasheet(HTML) 2 Page - Bi technologies

  BHP Datasheet HTML 1Page - Bi technologies BHP Datasheet HTML 2Page - Bi technologies BHP Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
5-4
Model BHP
MECHANICAL
Lead Material
Solder Tinned Copper Alloy
Substrate Material
96% Alumina
Resistor Material
Ruthenium Oxide
Thermal Shock
∆R 0.50%
Terminal Strength
∆R 0.25%
Short Time Overload
2 x rated power, 5 seconds,
∆R 0.50%
Moisture Resistance
∆R 0.50%
Mechanical Shock
30G's,
∆R 0.25%
Vibration
10G's, 10 to 500 Hz
∆R 0.25%
Low Temperature Storage
∆R 0.25%
High Temperature Exposure
∆R 0.25%
Load Life, 1,000 Hours
∆R 2.00%
Resistance to Solder Heat
∆R 0.25%
Dielectric Withstanding Voltage, Minimum
1,000 Vdc
Marking Permanency
MIL-STD-202, Method 215
Lead Solderability
MIL-STD-202, Method 208
Flammability
UL 94V-0 Rated
Storage
-55°C to +155°C
ENVIRONMENTAL (PER MIL-R-83401)
POWER DERATING CURVE
Percent of
Rated Power
100
80
60
40
20
0
155
25
Degrees C
STANDARD RESISTANCE VALUES (OHMS)
Value
1
2
5
10
20
50
100
200
500
1K
2K
5K
10K
Code
1R0
2R0
5R0
100
200
500
101
201
501
102
202
502
103
Standard: 50 per tray
PACKAGING



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com