Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BHV Datasheet(PDF) 2 Page - Bi technologies

Part # BHV
Description  High Voltage/High Value Thick Film SIP Epoxy Coated Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

BHV Datasheet(HTML) 2 Page - Bi technologies

  BHV Datasheet HTML 1Page - Bi technologies BHV Datasheet HTML 2Page - Bi technologies BHV Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MECHANICAL
Cover Coat
Style RS, PW & PF: Polymer Cover Coat
Styles RF & RW: Epoxy
Substrate
Alumina
Resistor
Cermet
POWER (WATTS) DISSIPATION AT 70
°C
POWER DERATING CURVE
Model
Power (Max)
100
BHV 10
1.0
80
BHV 15
1.5
% of Rated 60
BHV 20
2.0
Power
40
BHV 30
3.0
20
0
0
70
125
Degrees C
ORDERING INFORMATION
PACKAGING
Consult factory for Voltage dividers and application specific devices
Model BHV
Standard:
Box
Capacity
100 units
BHV
10
RS
XXX
J
Tolerance
Model
F =
± 1%
G =
± 2%
Voltage Rating KV
J =
± 5%
K =
± 10%
Style
Resistance Code
RS = Polymer coated substrate
First 2 digits are significant
with solder pads
Last digit denotes number
RW = Epoxy coated package
of trailing zeros
with round wire
RF = Epoxy coated package with flat leads
PF = Polymer coated substrate with flat leads
PW = Polymer coated substrate with round wire



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com