Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACML0402 Datasheet(PDF) 2 Page - Abracon Corporation

Part # ACML0402
Description  SURFACE-MOUNT MULTI-LAYER CHIP BEADS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ACML0402 Datasheet(HTML) 2 Page - Abracon Corporation

  ACML0402 Datasheet HTML 1Page - Abracon Corporation ACML0402 Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.1
10
1
10
100
1000
1
ACML - 0603 -(7, 60, 300, 600, 1000)
7
60
1000
600
300
FREQUENCY (MHz)
100
1000
Z
O
H
M
S
0.1
10
1
10
100
1000
1
FREQUENCY (MHz)
100
1000
11
500
80
ACML - 0402 -(11, 80, 500)
Z
O
H
M
S
0.1
10
1
10
100
1000
1
FREQUENCY (MHz)
100
1000
19
600
750
1000
2000
10000
Z
O
H
M
S
ACML- 0805 - (19, 600, 750, 1000, 2000)
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
|||||||||||||||
SURFACE-MOUNT MULTI-LAYER CHIP BEADS
SURFACE-MOUNT MULTI-LAYER CHIP BEADS
SURFACE-MOUNT MULTI-LAYER CHIP BEADS
ACML 0402, 0603, 0805
IMPEDANCE VS. FREQUENCY:



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com