Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4882 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA4882
Description  Advanced monitor video controller for OSD
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4882 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA4882 Datasheet HTML 17Page - NXP Semiconductors TDA4882 Datasheet HTML 18Page - NXP Semiconductors TDA4882 Datasheet HTML 19Page - NXP Semiconductors TDA4882 Datasheet HTML 20Page - NXP Semiconductors TDA4882 Datasheet HTML 21Page - NXP Semiconductors TDA4882 Datasheet HTML 22Page - NXP Semiconductors TDA4882 Datasheet HTML 23Page - NXP Semiconductors TDA4882 Datasheet HTML 24Page - NXP Semiconductors TDA4882 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
1997 Sep 04
21
Philips Semiconductors
Product specification
Advanced monitor video controller for OSD
TDA4882
11 APPLICATION AND TEST INFORMATION
For high frequency measurements and special application,
a printed-circuit board with only a few external
components is built. Figure 19 shows the application
circuit and Fig.20 the layout of the double sided printed
board. All components on the underside and R13, R14
and R15 on the top are SMD types. Short HF loops and
minimum crosstalk between the channels as well as input
and output are achieved by properly shaped ground areas
star connected to the IC ground pin.
The HF input signal can be fed to the subclick connectors
P1, P2 and P3 by a 50
Ω line. The line is then terminated
by a 51
Ω resistor on the board. With choice of jumper
connections (J1, J2 and J3) it is possible to connect
channel inputs to its input connector, to connect all
channels to one input connector (white pattern) and to
ground each input via the coupling capacitor.
For operation without input clamping, e.g. test mode, the
DC bias can be provided by VIDC (connector P21) if a
short-circuit at J4, J5 and J6 is made (solder short or
low-value SMD resistor).
The output signal can be monitored via 50
Ω terminated
lines at the voltage outputs (subclick connectors
P4, P5 and P6). With 100
Ω in parallel to the 50 Ω
terminated line the effective load resistance at the voltage
outputs is 33
Ω. The mismatch seen from the line towards
the IC has no significant effect if the line is match
terminated. A peaking circuit, C15, R16 for channel 1
(C16, R17 for channel 2 and C17, R18 for channel 3), can
be added for realistic loading of the voltage outputs.
Black-level adjustment is made by VIOS, VFBX (external
voltages at connector P21) and resistors R19, R22
and R25 for channel 1 (channel 2: R20, R23 and R26;
channel 3: R21, R24 and R27). If R19 is equal to the
effective load resistor at the voltage output the reference
black level (Vref(bl)) is approximately:
Vref(int) is the internal reference voltage at the feedback
input (typical 5.8 V). By this it is possible to adjust the
reference black level and the voltage at the current outputs
independently.
V
ref(bl)
VIOS
V
ref(int)
–
V
ref(int)
VFBX
–
()
–
R22
R25
-----------
×
=
DC control for brightness, contrast and gain is provided at
connectors P21 and P22. Contrast control can also be set
by the potentiometer R28 (jumper J11). The series
resistor R11 is necessary if fast OSD switching is activated
via 50
Ω line (P10), a line termination can be provided at
the connector P9. Clamping and blanking pulses are fed to
the IC via connectors P7 and P8. Connector P23 is used
for power supply. The capacitors C7 and C8 should be
located as near as possible to the IC pins.
11.1
Recommendations for building the application
board
• General
– Double-sided board
– Short HF loops by large ground plane on the rear.
• Voltage outputs
– Capacitive loads as small as possible
– Short interconnection via resistor to ground.
• Supply voltage
– Capacitors as near as possible to the pins
– Use of high-frequency capacitors (low self
inductance, e.g. SMD).
• Resonance suppression. The external interconnection
inductance to the current outputs can build a resonance
together with the internal substrate capacitance.
A damping resistor of 10 to 30
Ω near to the IC pin can
suppress such oscillations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com