Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACOL Datasheet(PDF) 1 Page - Abracon Corporation

Part # ACOL
Description  3.3Vdc HCMOS/ TTL COMPATIBLE FULL-SIZE AND HALF-SIZE DIP CRYSTAL CLOCK OSCILLATORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ACOL Datasheet(HTML) 1 Page - Abracon Corporation

  ACOL Datasheet HTML 1Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3.3Vdc • HCMOS/ TTL COMPATIBLE FULL-SIZE AND HALF-SIZE DIP
CRYSTAL CLOCK OSCILLATORS
ACOL and ACHL
APPLICATIONS:
• Clock signal sources for digital chips and microprocessors.
• Low power applications.
FEATURES:
• Tristate Enable / Disable option.
• Low voltage 3.3Vdc.
• HCMOS and TTL compatible.
• Tight symmetry option.
• Low power
ORDERING OPTIONS
ORDERING OPTIONS
“1” or Open: Oscillation
>_ 2.2V
“0”:Output disabled in high impedance (HiZ) < 0.8V
1
1
NC or E/D
7
4
GND / Case
8
5
Output
14
8
Vdd
S
S
T
T
A
A
N
N
D
D
A
A
R
R
D
D
S
S
P
P
E
E
C
C
I
I
F
F
I
I
C
C
A
A
T
T
I
I
O
O
N
N
S
S
XX.XXXXX MHz or kHz
O or H
-Y for ± 10 ppm max**
-J for ± 20 ppm max
-R for ± 25 ppm max
-K for ± 30 ppm max
-H for ± 35 ppm max
-C for ± 50 ppm max
- A for Tristate E /D
-S for 45 /55% @ 1
/2 Vdd
-T for 47.5 /52.5% @ 1
/2 Vdd
-S1 for 45 /55% @ 1.4 Vdc
-G Gull Wing*
-G2 Gull Wing * (ACHL Only)
-QXX (Trimmed Leads) *
-D for -10°C to + 60°C
-E for -20°C to + 70°C
-F for -30°C to + 70°C
-N for -30°C to + 85°C
-L for -40°C to + 85°C
ORDERING OPTIONS
** Standard Operating
Temperature Only
Frequency 50 MHz max
Dimensions: Inches (mm)
Package Type
ACOL (14DIP) and ACHL (8DIP)
Frequency Range
(Fo)
32.768 kHz - 200 MHz
Operating Temperature
(TOPR)
0°C to +70°C (See Options)
Storage Temperature
(TSTO)
-55°C to +125°C
Frequency Stability
(DF/ Fo)
±100ppm max. (See Options)
Supply Voltage
(Vdd)
3.3Vdc ±10%
Input Current
(Idd)
20mA max. for F <_ 20 MHz
25mA max. for F <_ 70 MHz
50mA max. for F <_ 200 MHz
Duty Cycle or Symmetry
40 / 60% max. (typical 45/55%) (See Options)
Rise and Fall Times
(TR / TF)
10ns max.
Output Load
5TTL or 15pF
Output Voltage
0.9*Vdd min. (VOH) ; 0.1*Vdd max. (VOL)
Start-up Time
(TOSC)
10ms max.
Tristate Function
(VIH)
(Option “-A” ONLY)
(VIL)
Output Disable / Enable Time
100ns max. (for Option “- A” ONLY)
“1” or Open: Oscillation
>_ 2.2V
“0”:Output disabled in high impedance (HiZ) < 0.8V
PARAMETERS
SPECIFICATIONS
ACOL
(14DIP)
ACHL
(8 DIP)
PIN # PIN #
FUNCTION
ACOL ACHL
1
1
NC or E/D
7
4
GND / Case
8
5
Output
14
8
Vdd
ACX L - Frequency - Temperature - Overall Frequency Stability - Duty Cycle - Tristate - Value Added - Packaging
20.2 x 12.6 x 5.08 mm
* Pin 1 has internal pull-up resistor which allows Pin 1 to be left floating (enable high) opt. A.
Test circuit, waveforms, see appendix B. Recommended handling, see appendix F.
Environmental and mechanical specifications, see appendix C. Group 1.
Marking, see appendix G. Value added, see appendix D.
Application notes, see appendix A.
-T for Tape and reel
-TY for Tray packing
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
NOTE: Left blank if standard
• All specifications and markings subject to change without notice
29 Journey • Aliso Viejo, CA 92656 • USA
(949) 448-7070
•
FAX: (949) 448-8484
E-MAIL:
abinfo@abracon.com • INTERNET ADDRESS: www.abracon.com
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON
®
C O R P O R A T I O N
52


Similar Part No. - ACOL

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACOL-14.31818MHZ-D-C ABRACON-ACOL-14.31818MHZ-D-C Datasheet
898Kb / 2P
CRYSTAL CLOCK OSCILLATOR
03.11.14
ACOL-14.31818MHZ-D-H ABRACON-ACOL-14.31818MHZ-D-H Datasheet
898Kb / 2P
CRYSTAL CLOCK OSCILLATOR
03.11.14
ACOL-14.31818MHZ-D-J ABRACON-ACOL-14.31818MHZ-D-J Datasheet
898Kb / 2P
CRYSTAL CLOCK OSCILLATOR
03.11.14
ACOL-14.31818MHZ-D-K ABRACON-ACOL-14.31818MHZ-D-K Datasheet
898Kb / 2P
CRYSTAL CLOCK OSCILLATOR
03.11.14
ACOL-14.31818MHZ-D-R ABRACON-ACOL-14.31818MHZ-D-R Datasheet
898Kb / 2P
CRYSTAL CLOCK OSCILLATOR
03.11.14
More results

Similar Description - ACOL

ManufacturerPart #DatasheetDescription
logo
General Electric Compan...
LM1100 GEC-LM1100 Datasheet
201Kb / 1P
Full Size HCMOS/TTL Compatible Oscillators
logo
Abracon Corporation
ACOL1 ABRACON-ACOL1 Datasheet
418Kb / 1P
2.5Vdc - HCMOS/ TTL COMPATIBLE FULL-SIZE AND HALF-SIZE DIP CRYSTAL CLOCK OSCILLATORS
logo
Vishay Siliconix
XO-54 VISHAY-XO-54 Datasheet
81Kb / 1P
Full Size Clock Oscillators TTL/HCMOS Compatible
10-Jun-03
XO-54 VISHAY-XO-54_07 Datasheet
188Kb / 3P
Full Size Clock Oscillators TTL/HCMOS Compatible
05-Mar-07
XO-543 VISHAY-XO-543 Datasheet
186Kb / 3P
Full Size Clock Oscillators TTL/HCMOS Compatible
05-Mar-07
logo
RSG Electronic Componen...
HO-12 RSG-HO-12 Datasheet
84Kb / 1P
FULL SIZE CLOCK OSCILLATORS TTL/HCMOS COMPATIBLE
HO-22 RSG-HO-22 Datasheet
85Kb / 1P
HALF SIZE CLOCK OSCILLATORS TTL/HCMOS COMPATIBLE
logo
Vishay Siliconix
XO-54 VISHAY-XO-54_11 Datasheet
155Kb / 3P
Full Size Clock Oscillators TTL/HCMOS Compatible
08-Mar-11
XO-543 VISHAY-XO-543_11 Datasheet
155Kb / 3P
Full Size Clock Oscillators TTL/HCMOS Compatible
08-Mar-11
logo
Abracon Corporation
ACHL-25.000MHZ-EK ABRACON-ACHL-25.000MHZ-EK Datasheet
458Kb / 1P
3.3Vdc ??HCMOS/ TTL COMPATIBLE FULL-SIZE AND HALF-SIZE DIP
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com